Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTO-B Datasheet (PDF) - List of Unclassifed Manufacturers

RTO-B Datasheet PDF - List of Unclassifed Manufacturers
Part # RTO-B
Download  RTO-B Download
File Size   67.78 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description precision resistors

RTO-B Datasheet (PDF)

Go To PDF Page Download Datasheet
RTO-B Datasheet PDF - List of Unclassifed Manufacturers

Part # RTO-B
Download  RTO-B Click to download

File Size   67.78 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description precision resistors

RTO-B Datasheet (HTML) - List of Unclassifed Manufacturers


RTO-B Product details

 features

• 30 Watt permanent power

• constant current up to 150 Amps ( 1 mOhm )

• outline SOT 227B ( ISOTOP ) compatible

• resistor with Kelvin connection

• dielectric withstanding voltage 2500 VAC

• pulse power 20 J for tP < 20 ms




Similar Part No. - RTO-B

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-BW07-001 DIALIGHT-RTO-BW07-001 Datasheet
85Kb / 2P
SafeSite Series LED WHITE Visual Signal
RTO-BW07-004 DIALIGHT-RTO-BW07-004 Datasheet
85Kb / 2P
SafeSite Series LED WHITE Visual Signal
RTO-BW07-005 DIALIGHT-RTO-BW07-005 Datasheet
85Kb / 2P
SafeSite Series LED WHITE Visual Signal
More results


Similar Description - RTO-B

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com