Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA105 Datasheet (PDF) - Omron Electronics LLC

SA105 Datasheet PDF - Omron Electronics LLC
Part # SA105
Download  SA105 Download
File Size   160.41 Kbytes
Page   2 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Opto-Switch

SA105 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA105 Datasheet PDF - Omron Electronics LLC

Part # SA105
Download  SA105 Click to download

File Size   160.41 Kbytes
Page   2 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Opto-Switch

SA105 Datasheet (HTML) - Omron Electronics LLC


SA105 Product details

Opto–Switch

Actuator



Phototransistor output.

Incorporates built–in actuator.

Small size allows use in confined spaces.

Nomechanical contacts ensurelong life expectancy.

Low operating force (15gf (0.15N)).




Similar Part No. - SA105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA1056 ETC-SA1056 Datasheet
231Kb / 2P
CDMA 1.5-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
logo
AVX Corporation
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
AVX SA Series Conformally Coated Axial Leaded MLC
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
More results


Similar Description - SA105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1235A ETC-EE-SX1235A Datasheet
280Kb / 2P
Opto-Switch
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
Opto - Switch
logo
Omron Electronics LLC
EE-SX493 OMRON-EE-SX493 Datasheet
78Kb / 3P
Opto-Switch
logo
Everlight Electronics C...
ITR20005 EVERLIGHT-ITR20005 Datasheet
209Kb / 7P
OPTO INTERRUPTER ITR Slot Optical switch
08-29-2005
logo
Toshiba Semiconductor
TPS606 TOSHIBA-TPS606 Datasheet
215Kb / 4P
TAPE, CARD READERS PRINTER, TERMINAL OPTO-ELECTRONIC SWITCH
logo
Omron Electronics LLC
EE-X1088 OMRON-EE-X1088 Datasheet
275Kb / 2P
Opto-Switch
EE-X1041 OMRON-EE-X1041 Datasheet
195Kb / 2P
Opto-Switch
logo
Bedford Opto Technology...
HOA0825-01 BOT-HOA0825-01 Datasheet
34Kb / 2P
TRANSMISSIVE OPTO SWITCH
logo
JDS Uniphase Corporatio...
MOM-0011L110 JDSU-MOM-0011L110 Datasheet
204Kb / 4P
Miniature Opto-Mechanical Switch
logo
Honeywell Accelerometer...
HOA1961-055 HONEYWELL-ACC-HOA1961-055 Datasheet
137Kb / 7P
OPTO SCHMITT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com