Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR533P Datasheet (PDF) - Rohm

2SAR533P Datasheet PDF - Rohm
Part # 2SAR533P
Download  2SAR533P Download
File Size   828.12 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -3.0A -50V Middle Power Transistor

2SAR533P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR533P Datasheet PDF - Rohm

Part # 2SAR533P
Download  2SAR533P Click to download

File Size   828.12 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -3.0A -50V Middle Power Transistor

2SAR533P Datasheet (HTML) - Rohm




Similar Part No. - 2SAR533P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR533P5 ROHM-2SAR533P5 Datasheet
1Mb / 8P
Medium Power Transistors(-50V / -3A)
2SAR533P5T100 ROHM-2SAR533P5T100 Datasheet
1Mb / 8P
Medium Power Transistors(-50V / -3A)
2SAR533PFRA ROHM-2SAR533PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-50V / -3A)
More results


Similar Description - 2SAR533P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
PNP -3.0A -50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
PNP -3.0A -30V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
PNP -3.0A -50V Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com