Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR375P5 Datasheet (PDF) - Rohm

2SCR375P5 Datasheet PDF - Rohm
Part # 2SCR375P5
Download  2SCR375P5 Download
File Size   1460.87 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/1.5A)

2SCR375P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR375P5 Datasheet PDF - Rohm

Part # 2SCR375P5
Download  2SCR375P5 Click to download

File Size   1460.87 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/1.5A)

2SCR375P5 Datasheet (HTML) - Rohm




Similar Part No. - 2SCR375P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
Midium Power Transistors (120V / 700mA)
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results


Similar Description - 2SCR375P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
Power Transistor (120V, 1.5A)
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SAR554PFRA ROHM-2SAR554PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -1.5A)
2SCR554PFRA ROHM-2SCR554PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 1.5A)
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
PNP -0.7A -120V Middle Power Transistor
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
PNP -1.5A -120V Middle Power Transistor
2SAR567F3 ROHM-2SAR567F3 Datasheet
1Mb / 9P
PNP -2.5A -120V Middle Power Transistor
2SAR554PHZG ROHM-2SAR554PHZG Datasheet
1Mb / 9P
Middle Power Transistor (-80V / -1.5A)
20181011 - Rev.001
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com