Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR542F3 Datasheet (PDF) - Rohm

2SCR542F3 Datasheet PDF - Rohm
Part # 2SCR542F3
Download  2SCR542F3 Download
File Size   1492.82 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3.0A 30V Middle Power Transistor

2SCR542F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR542F3 Datasheet PDF - Rohm

Part # 2SCR542F3
Download  2SCR542F3 Click to download

File Size   1492.82 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3.0A 30V Middle Power Transistor

2SCR542F3 Datasheet (HTML) - Rohm




Similar Part No. - 2SCR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR542D ROHM-2SCR542D Datasheet
498Kb / 6P
Midium Power Transistors (30V / 5A)
logo
Inchange Semiconductor ...
2SCR542D ISC-2SCR542D Datasheet
308Kb / 2P
isc Silicon NPN Power Transistors
logo
Rohm
2SCR542P ROHM-2SCR542P Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
More results


Similar Description - 2SCR542F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
PNP -3.0A -30V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com