Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBT-322 Datasheet (PDF) - Tyco Electronics

PBT-322 Datasheet PDF - Tyco Electronics
Part # PBT-322
Download  PBT-322 Download
File Size   303.55 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps

PBT-322 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBT-322 Datasheet PDF - Tyco Electronics

Part # PBT-322
Download  PBT-322 Click to download

File Size   303.55 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps

PBT-322 Datasheet (HTML) - Tyco Electronics




Similar Part No. - PBT-322

ManufacturerPart #DatasheetDescription
logo
SICK AG
PBT-AB010SG1SSNAMA0Z SICK-PBT-AB010SG1SSNAMA0Z Datasheet
860Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-AB010SG1SSNVMC0Z SICK-PBT-AB010SG1SSNVMC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-AB010SG2SS0AMA0Z SICK-PBT-AB010SG2SS0AMA0Z Datasheet
850Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-AB010SG2SS0VMC0Z SICK-PBT-AB010SG2SS0VMC0Z Datasheet
850Kb / 7P
PRESSURE SENSORS
PBT-AB010SG4SS0AMA0Z SICK-PBT-AB010SG4SS0AMA0Z Datasheet
845Kb / 7P
PRESSURE SENSORS
More results


Similar Description - PBT-322

ManufacturerPart #DatasheetDescription
logo
Altech corporation
GMC-9 ALTECH-GMC-9 Datasheet
866Kb / 14P
Contactors (9 to 85A) Frame size
logo
Crydom Inc.,
DR24D06 CRYDOM-DR24D06 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
logo
Estek Electronics Co. L...
ET840 ESTEK-ET840 Datasheet
447Kb / 5P
9 Amps竊?00Volts
logo
Hammond Manufacturing L...
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
Ratings - 125 VAC, 20 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
Ratings - 250 VAC, 10 Amps
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
Ratings - 125 VAC, 15 Amps
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
Current ratings up to 100 Amps
logo
Naina Semiconductor ltd...
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 80 Amps
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
DR06D12XR CRYDOM-DR06D12XR Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com