Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4103-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

1N4103-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 1N4103-1
Download  1N4103-1 Download
File Size   895.54 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 500 mW power handling

1N4103-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4103-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 1N4103-1
Download  1N4103-1 Click to download

File Size   895.54 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 500 mW power handling

1N4103-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


1N4103-1 Product details

Features
• Available in JAN, JANTX, JANTXV and JANS per MIL-PRF-19500/435
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively.
• 500 mW power handling
• Hermetically sealed axial-leaded glass DO-35 package.
• Also available in DO-213 MELF style package.




Similar Part No. - 1N4103-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4103-1 CDI-DIODE-1N4103-1 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
More results


Similar Description - 1N4103-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
DECT 500 mW power amplifier
1999 Jul 21
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
29-Nov-16
logo
Micro Commercial Compon...
MMTZJ39 MCC-MMTZJ39 Datasheet
306Kb / 5P
500 mW Zener Diode
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
500 mW Zener Diode
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com