Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD2100TTR Datasheet (PDF) - IXYS Corporation

NCD2100TTR Datasheet PDF - IXYS Corporation
Part # NCD2100TTR
Download  NCD2100TTR Download
File Size   347.55 Kbytes
Page   20 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Wide capacitance range of 6.6pF to 37.553pF

NCD2100TTR Datasheet (PDF)

Go To PDF Page Download Datasheet
NCD2100TTR Datasheet PDF - IXYS Corporation

Part # NCD2100TTR
Download  NCD2100TTR Click to download

File Size   347.55 Kbytes
Page   20 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Wide capacitance range of 6.6pF to 37.553pF

NCD2100TTR Datasheet (HTML) - IXYS Corporation




Similar Part No. - NCD2100TTR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
NCD2 CIT-NCD2 Datasheet
252Kb / 3P
CIT SWITCH
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
ON Semiconductor
NCD225E75F8M1 ONSEMI-NCD225E75F8M1 Datasheet
213Kb / 4P
Extremefast Diode Die with Sinterable Top Metal 750 V, 225 A
February, 2020 ??Rev. 0
logo
IXYS Corporation
NCD2400M IXYS-NCD2400M Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
NCD2400M1TR IXYS-NCD2400M1TR Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
More results


Similar Description - NCD2100TTR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
WIDE RANGE OF COLLECTOR CURRENT
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Laird Tech Smart Techno...
PAV90209H LSTD-PAV90209H Datasheet
1Mb / 2P
Wide range of connector options
logo
Omron Electronics LLC
A7BS OMRON-A7BS Datasheet
507Kb / 8P
Wide Range of Locking-type Models Available
logo
IXYS Corporation
NCD2400M IXYS-NCD2400M Datasheet
409Kb / 22P
Wide Capacitance Range, Non-volatile Digital Programmable Capacitor
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com