Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1GVB20-C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S1GVB20-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S1GVB20-C
Download  S1GVB20-C Download
File Size   204.51 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers

S1GVB20-C Datasheet (PDF)

Go To PDF Page Download Datasheet
S1GVB20-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S1GVB20-C
Download  S1GVB20-C Click to download

File Size   204.51 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers

S1GVB20-C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - S1GVB20-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1G PANJIT-S1G Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1G PHILIPS-S1G Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1G SURGE-S1G Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1G TRSYS-S1G Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1G JGD-S1G Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1GVB20-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2GBL20-C SECOS-S2GBL20-C Datasheet
197Kb / 2P
Voltge 200V~800V2.0 Amp Glass Passivited Bridge Rectifiers
S2GBP20-C SECOS-S2GBP20-C Datasheet
224Kb / 2P
Voltage 200V ~800V 2.0 Amp Glass Passivited Bridge Rectifres
S2GVB20-C SECOS-S2GVB20-C Datasheet
208Kb / 2P
Voltage 200V ~800V 2 Amp Glass Passivited Bridge Rectifers
S10GBU20-C SECOS-S10GBU20-C Datasheet
238Kb / 2P
Voltage 200V ~800V 100Amp Glass Passivited Bridge Rectifers
S15GBU20-C SECOS-S15GBU20-C Datasheet
227Kb / 2P
Voltage 200V ~800V 15.0Amp Glass passivited Bridge Rectifiers
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S25GBJ20-C SECOS-S25GBJ20-C Datasheet
216Kb / 2P
Voltage 200V ~800V 25.0Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
2.0 Amp Glass Passivited Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com