Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA-5389 Datasheet (PDF) - List of Unclassifed Manufacturers

SGA-5389 Datasheet PDF - List of Unclassifed Manufacturers
Part # SGA-5389
Download  SGA-5389 Download
File Size   443.58 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-5389 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-5389 Datasheet PDF - List of Unclassifed Manufacturers

Part # SGA-5389
Download  SGA-5389 Click to download

File Size   443.58 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-5389 Datasheet (HTML) - List of Unclassifed Manufacturers


SGA-5389 Product details

[Sirenza]

Product Description
The SGA-5389 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction nonlinearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 15.4 dB at 1950 MHz
• Cascadable 50 Ohm
• Patendted SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite




Similar Part No. - SGA-5389

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5389Z SIRENZA-SGA-5389Z Datasheet
86Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-5389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4386 ETC-SGA-4386 Datasheet
413Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com