Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU20 Datasheet (PDF) - XP Power Limited

CU20 Datasheet PDF - XP Power Limited
Part # CU20
Download  CU20 Download
File Size   410.7 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Single Outputs from 3.3 V to 24 V

CU20 Datasheet (PDF)

Go To PDF Page Download Datasheet
CU20 Datasheet PDF - XP Power Limited

Part # CU20
Download  CU20 Click to download

File Size   410.7 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Single Outputs from 3.3 V to 24 V

CU20 Datasheet (HTML) - XP Power Limited


CU20 Product details

AC-DC 20 Watts CU20 Series

• Low Cost
• Small Size
• Universal Input
• Single Outputs from 3.3 V to 24 V
• Peak Load Capability
• Low Profile
• Non-standard Outputs Available




Similar Part No. - CU20

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CU20-00 XPPOWER-CU20-00 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-09 XPPOWER-CU20-09 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-10 XPPOWER-CU20-10 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-12 XPPOWER-CU20-12 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-13 XPPOWER-CU20-13 Datasheet
197Kb / 2P
AC-DC Power Supplies
More results


Similar Description - CU20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com