Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37C67X Datasheet (PDF) - SMSC Corporation

37C67X Datasheet PDF - SMSC Corporation
Part # 37C67X
Download  37C67X Download
File Size   546.62 Kbytes
Page   194 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ENHANCED SUPER I/O CONTROLLER WITH FAST IR

37C67X Datasheet (PDF)

Go To PDF Page Download Datasheet
37C67X Datasheet PDF - SMSC Corporation

Part # 37C67X
Download  37C67X Click to download

File Size   546.62 Kbytes
Page   194 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ENHANCED SUPER I/O CONTROLLER WITH FAST IR

37C67X Datasheet (HTML) - SMSC Corporation


37C67X Product details

GENERAL DESCRIPTION
The FDC37C67x with Consumer IR and IrDA v1.1 support incorporates a keyboard interface, SMSCs true CMOS 765B floppy disk controller, advanced digital data separator, two 16C550 compatible UARTs, one Multi-Mode parallel port which includes ChiProtect circuitry plus EPP and ECP, on-chip 24 mA AT bus drivers, two floppy direct drive support, Intelligent power management and SMI support. The true CMOS 765B core provides 100% compatibility with IBM PC/XT and PC/AT architectures in addition to providing data overflow and underflow protection. The SMSC advanced digital data separator incorporates SMSCs patented data separator technology, allowing for ease of testing and use. Both on-chip UARTs are compatible with the NS16C550.

FEATURES
• 5 Volt Operation
• PC98/99 and ACPI 1.0 Compliant
• ISA Plug-and-Play Compatible Register Set
• Intelligent Auto Power Management
    - Shadowed Write-Only Registers for ACPI Compliance
• System Management Interrupt, Watchdog Timer
• 2.88MB Super I/O Floppy Disk Controller
    - Licensed CMOS 765B Floppy Disk Controller
    - Software and Register Compatible with SMSCs Proprietary 82077AA Compatible Core
    - Supports Two Floppy Drives Directly
    - Configurable Open Drain/Push-Pull Output Drivers
    - Supports Vertical Recording Format
    - 16-Byte Data FIFO
    - 100% IBM® Compatibility
    - Detects All Overrun and Underrun Conditions
    - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
    - DMA Enable Logic
    - Data Rate and Drive Control Registers
    - 480 Address, Up to Eight IRQ and Three DMA Options
    • Floppy Disk Available on Parallel Port Pins
• Enhanced Digital Data Separator
    - 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
    - Programmable Precompensation Modes
• Keyboard Controller
    - 8042 Software Compatible
    - 8 Bit Microcomputer
    - 2k Bytes of Program ROM
    - 256 Bytes of Data RAM
    - Four Open Drain Outputs Dedicated for Keyboard/Mouse Interface
    - Asynchronous Access to Two Data Registers and One Status Register
    - Supports Interrupt and Polling Access
    - 8-Bit Counter Timer
    - Port 92 Support
    - 8042 P12 and P16 Outputs
• Serial Ports
    - Two Full Function Serial Ports
    - High Speed NS16C550A Compatible UARTs with Send/Receive 16-Byte FIFOs
    - Supports 230k and 460k Baud Programmable Baud Rate Generator Modem Control Circuitry
    - 480 Address and Eight IRQ Options
• Infrared Port
    - Multiprotocol Infrared Interface
    - 128-Byte Data FIFO
    - IrDA 1.1 Compliant
    - TEMIC/HP Module Support
    - Consumer IR
    - SHARP ASK IR
    - 480 Address, Up to Eight IRQ and Three DMA Options
(Continue ...)




Similar Part No. - 37C67X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results


Similar Description - 37C67X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
37B77X SMSC-37B77X Datasheet
573Kb / 196P
ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
37C672 SMSC-37C672 Datasheet
965Kb / 173P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
37M602 SMSC-37M602 Datasheet
650Kb / 182P
ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
Enhanced Super I/O Controller with Wake-Up
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
Enhanced Super I/O Controller with LPC Interface
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
128 Pin Enhanced Super I/O Controller with ACPI Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com