Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS20 Datasheet (PDF) - Abracon Corporation

AFS20 Datasheet PDF - Abracon Corporation
Part # AFS20
Download  AFS20 Download
File Size   403.45 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SURFACE MOUNT 2017.50MHz SAW FILTER

AFS20 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS20 Datasheet PDF - Abracon Corporation

Part # AFS20
Download  AFS20 Click to download

File Size   403.45 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SURFACE MOUNT 2017.50MHz SAW FILTER

AFS20 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS20

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
AFS2016-EVAL ABRACON-AFS2016-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
AFS20A02-1575.42-T2 ABRACON-AFS20A02-1575.42-T2 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
02.01.12
AFS20A02-1575.42-T3 ABRACON-AFS20A02-1575.42-T3 Datasheet
1Mb / 4P
Surface Mount 1575.42MHz SAW Filter
04.16.13
AFS20A05-1672.50-T2 ABRACON-AFS20A05-1672.50-T2 Datasheet
2Mb / 4P
Surface Mount 1672.50MHz SAW Filter
07.24.12
More results


Similar Description - AFS20

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS14A15-2017.50-T3 ABRACON-AFS14A15-2017.50-T3 Datasheet
1Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS20A15-2017.50-T3 ABRACON-AFS20A15-2017.50-T3 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
logo
Golledge Electronics Lt...
MP02459 GOLLEDGE-MP02459 Datasheet
69Kb / 4P
SAW Filter 2017.50MHz
MP04467 GOLLEDGE-MP04467 Datasheet
132Kb / 6P
SAW Filter 2017.50MHz
MP04469 GOLLEDGE-MP04469 Datasheet
161Kb / 6P
SAW Filter 2017.50MHz
MP03900 GOLLEDGE-MP03900 Datasheet
106Kb / 6P
SAW Filter 2017.50MHz
MP04468 GOLLEDGE-MP04468 Datasheet
144Kb / 6P
SAW Filter 2017.50MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com