Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4406 Datasheet (PDF) - Alpha Industries

AO4406 Datasheet PDF - Alpha Industries
Part # AO4406
Download  AO4406 Download
File Size   290.44 Kbytes
Page   7 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description N CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

AO4406 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4406 Datasheet PDF - Alpha Industries

Part # AO4406
Download  AO4406 Click to download

File Size   290.44 Kbytes
Page   7 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description N CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

AO4406 Datasheet (HTML) - Alpha Industries


AO4406 Product details

General Description
The AO4406 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device makes an excellent high side switch for notebook CPU core DC-DC conversion.

Features
  VDS (V) = 30V
  ID = 11.5A
  RDS(ON) < 14mΩ (VGS = 10V)
  RDS(ON) < 16.5mΩ (VGS = 4.5V)
  RDS(ON) < 26mΩ (VGS = 2.5V)




Similar Part No. - AO4406

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4406 AOSMD-AO4406 Datasheet
103Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4406 KEXIN-AO4406 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4406 VBSEMI-AO4406 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4406-HF KEXIN-AO4406-HF Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4406A AOSMD-AO4406A Datasheet
333Kb / 6P
30V N-Channel MOSFET
More results


Similar Description - AO4406

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com