Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G50 Datasheet (PDF) - XP Power Limited

G50 Datasheet PDF - XP Power Limited
Part # G50
Download  G50 Download
File Size   716.83 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

G50 Datasheet (PDF)

Go To PDF Page Download Datasheet
G50 Datasheet PDF - XP Power Limited

Part # G50
Download  G50 Click to download

File Size   716.83 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

G50 Datasheet (HTML) - XP Power Limited


G50 Product details

PRODUCT DESCRIPTION
The G Series is a line of miniature, versatile component level building blocks that provide up to 6kV, positive or negative, in a compact PC mount package. The isolated output is directly proportional to the input, and is linear from approximately 0.7 volts in. Excellent fltering techniques and a low noise quasi-sinewave oscillator provide clean, reliable DC to HV DC conversion with low ripple and low EMI/RFI. The isolated output allows for user selectable output polarity. A dual output option with center-tap pin which, when grounded provides both positive and negative outputs from one compact, low cost module. The pin pattern on the G Series allows for a direct drop-in replacement for many larger high voltage modules. The GPMT model has been specifcally designed for biasing PMT’s.

FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Ripple, Low EMI / RFI
• Proven Reliability
• Short Circuit Protection
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2.29 Million Hours per Bellcore TR-332
• RoHS Compliant

APPLICATIONS
• Capacitor Charging
• Piezo Devices
• Mass Spectrometry
• Electrostatic Chuck
• Igniter / Spark Module
• Sustaining Ion Pumps
• Piezo Devices
• Vacuum Gauges
• Photomultiplier Tubes
• Lamp Ignition and Drive




Similar Part No. - G50

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
G50 XPPOWER-G50 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
logo
ORION FANS
G50-3 ORIONFANS-G50-3 Datasheet
121Kb / 1P
Fan Guards
logo
Huber+Suhner, Inc.
G50/125-OM2 HUBERSUHNER-G50/125-OM2 Datasheet
264Kb / 2P
Duplex Fig. 0 2.0mm Semi Tight Tube LSFH 3.1 x 5.2mm Dca
G50/125-OM2 HUBERSUHNER-G50/125-OM2 Datasheet
264Kb / 2P
Duplex Fig. 0 2.7mm Semi Tight Tube LSFH 3.5 x 6.2mm Dca
G50/125-OM2 HUBERSUHNER-G50/125-OM2 Datasheet
346Kb / 2P
Duplex Fig. 8 2.0mm Semi Tight Tube LSFH 2.0 x 4.1mm Dca
More results


Similar Description - G50

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com