Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP25 Datasheet (PDF) - XP Power Limited

GP25 Datasheet PDF - XP Power Limited
Part # GP25
Download  GP25 Download
File Size   568.52 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

GP25 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP25 Datasheet PDF - XP Power Limited

Part # GP25
Download  GP25 Click to download

File Size   568.52 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

GP25 Datasheet (HTML) - XP Power Limited


GP25 Product details

PRODUCT DESCRIPTION
The GP Series is a line of miniature DC to HV DC converters providing 100V to 6kV, positive or negative in a compact PC mount package. This line features low power consumption, making it ideal for portable, battery powered applications. The isolated output is proportional to the input, and is linear from approximately 0.7 volts in. A low noise quasisinewave oscillator and shielded transformer provide clean, reliable DC to HV DC conversion with low EMI and RFI. The isolated output allows for user selectable output polarity. No minimum load is required.
   
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Power Consumption
• Low Ripple, Low EMI / RFI
• Short Circuit Protected
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2.31 million hrs per Bellcore TR-332
• UL Certifed Encapsulant, Meets 94V-0 Flammability
• RoHS Compliant
   
APPLICATIONS
• Portable, Battery Powered
• Sustaining Ion Pumps
• Vacuum Gauges
• Photomultiplier Tubes
• Spectrometry
• Electrostatic Chuck
• Non-impact Printers
• Field Generation
• Piezo Devices
• Electrophoresis
   




Similar Part No. - GP25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
RELAY - LATCH 2 PDT, 2 AMP
logo
The Bergquist Company
GP2500 BERGQUIST-GP2500 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
GP2500-0.040-02-0404 BERGQUIST-GP2500-0.040-02-0404 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.010-02-0816 HENKEL-GP2500S20-0.010-02-0816 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results


Similar Description - GP25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com