Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50RIA Datasheet (PDF) - International Rectifier

50RIA Datasheet PDF - International Rectifier
Part # 50RIA
Download  50RIA Download
File Size   206.08 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description MEDIUM POWER THYRISTORS

50RIA Datasheet (PDF)

Go To PDF Page Download Datasheet
50RIA Datasheet PDF - International Rectifier

Part # 50RIA
Download  50RIA Click to download

File Size   206.08 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description MEDIUM POWER THYRISTORS

50RIA Datasheet (HTML) - International Rectifier


50RIA Product details

Features

High current rating

Excellent dynamic characteristics

dv/dt = 1000V/µs option

Superior surge capabilities

Standard package

Metric threads version available

Types up to 1600V VDRM/ VRRM




Similar Part No. - 50RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
Medium Power Thyristors (Stud Version), 50 A
19-Sep-08
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
Naina Semiconductor ltd...
50RIA NAINA-50RIA Datasheet
147Kb / 2P
Phase Control Thyristors, 40A (Stud and Lead Type)
50RIA NAINA-50RIA Datasheet
152Kb / 2P
Phase Control Thyristors, 56A (Stud and Lead Type)
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
More results


Similar Description - 50RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
MEDIUM POWER THYRISTORS
25RIA IRF-25RIA Datasheet
234Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
Medium Power Thyristors
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
Medium Power Thyristors
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
Medium Power Thyristors
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
Medium Power Thyristors
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com