Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC347A Datasheet (PDF) - Analog Devices

HMC347A Datasheet PDF - Analog Devices
Part # HMC347A
Download  HMC347A Download
File Size   457.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation: >40 dB @ 20 GHz

HMC347A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC347A Datasheet PDF - Analog Devices

Part # HMC347A
Download  HMC347A Click to download

File Size   457.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation: >40 dB @ 20 GHz

HMC347A Datasheet (HTML) - Analog Devices


HMC347A Product details

General Description
The HMC347A is a broadband non-reflective GaAs pHEMT SPDT MMIC chip. Covering DC to 20 GHz, the switch offers high isolation and low insertion loss. The switch features over 52 dB isolation at lower frequencies and over 40 dB at higher frequencies due to the implementation of on-chip via hole structures. The switch operates using two negative control voltage logic lines of -5/0V, requires no Vee and has no current consumption. The switch operates down to DC. The chip features coplanar I/Os that allow 100% RF testing prior to delivery to the customer.

Features
   High Isolation: >40 dB @ 20 GHz
   Low Insertion Loss: 2.4 dB @ 20 GHz
   Non-Reflective Design
   Small Size: 1.22 x 0.85 x 0.1 mm

Typical Applications
This switch is suitable DC - 20 GHz applications:
• Fiber Optics
• Microwave Radio
• Military
• Space
• VSAT




Similar Part No. - HMC347A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
More results


Similar Description - HMC347A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLFX-80 MINI-VLFX-80 Datasheet
115Kb / 1P
Low Pass Filter DC to 80 MHz (40 dB Isolation up to 20 GHz)
VLFX-300 MINI-VLFX-300 Datasheet
113Kb / 1P
Low Pass Filter DC to 300 MHz (40 dB Isolation up to 20 GHz)
VLFX-400 MINI-VLFX-400 Datasheet
112Kb / 1P
Low Pass Filter DC to 400 MHz (40 dB Isolation up to 20 GHz)
VLFX-500 MINI-VLFX-500 Datasheet
113Kb / 1P
Low Pass Filter DC to 500 MHz (40 dB Isolation up to 20 GHz)
VLFX-540 MINI-VLFX-540 Datasheet
113Kb / 1P
Low Pass Filter DC to 540 MHz (40 dB Isolation up to 20 GHz)
VLFX-780 MINI-VLFX-780 Datasheet
113Kb / 1P
Low Pass Filter DC to 780 MHz (40 dB Isolation up to 20 GHz)
VLFX-825 MINI-VLFX-825 Datasheet
112Kb / 1P
Low Pass Filter DC to 825 MHz (40 dB Isolation up to 20 GHz)
VLFX-950 MINI-VLFX-950 Datasheet
111Kb / 1P
Low Pass Filter DC to 950 MHz (40 dB Isolation up to 20 GHz)
VLFX-1125 MINI-VLFX-1125 Datasheet
111Kb / 1P
Low Pass Filter DC to 1125 MHz (40 dB Isolation up to 20 GHz)
VLFX-1300 MINI-VLFX-1300 Datasheet
113Kb / 1P
Low Pass Filter DC to 1300 MHz (40 dB Isolation up to 20 GHz)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com