Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQZ262 Datasheet (PDF) - Nais(Matsushita Electric Works)

AQZ262 Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQZ262
Download  AQZ262 Download
File Size   70.85 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description POWER PhotoMOS RELAYS (High capacity type)

AQZ262 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQZ262 Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQZ262
Download  AQZ262 Click to download

File Size   70.85 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description POWER PhotoMOS RELAYS (High capacity type)

AQZ262 Datasheet (HTML) - Nais(Matsushita Electric Works)


AQZ262 Product details

FEATURES
1. High capacity type power photoMOS  relay.
   Can switch a wide range of currents and  voltages. Can control various types of  loads, from very small loads to a maximum 6A AC/DC current for sequencers,  motors, and lamps.
2. Low ON resistance and high sensitivity.
   Low ON resistance of less than 50 mW on  a par with mechanical relays (AQZ262).
   High sensitivity LED operate current of 3  mA (at 25°C 77°F ).
3. AC/DC dual use
   Bi-directional control is possible. There is  no need to differentiate depending on the  load as was necessary with the conventional SSR.
4. 4-pin SIL type.
   4-pin SIL type of (L) 43.0 mm × (W) 9.0  mm × (H) 32.0 mm (L) 1.693 inch× (W)  .354 inch× (H) 1.260 inch.
5. Low-level off state leakage current
   In contrast to the SSR with an off state  leakage current of several milliamps, the  PhotoMOS relay features a very small off  state leakage current of only 10mA even  at the rated load voltage.
6. Controls low-level analog signals
   The triac, photocoupler, or SSR cannot be  used to control signals of less than several hundred mV. The high capacity type  power PhotoMOS relay feature extremely  low closed-circuit offset voltage to enable  control of low-level analog signals without  distortion.

TYPICAL APPLICATIONS
• Mercury relay replacement
• Railroad, traffic signals
• Compact motors, lamps, heaters
• OA equipment
• Measurement instruments




Similar Part No. - AQZ262

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQZ26 PANASONIC-AQZ26 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQZ26 ETC-AQZ26 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQZ26 ETC2-AQZ26 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
More results


Similar Description - AQZ262

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
PHOTOMOS RELAYS
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
PhotoMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
PhotoMOS RELAYS
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com