Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71V424S Datasheet (PDF) - Integrated Device Technology

IDT71V424S Datasheet PDF - Integrated Device Technology
Part # IDT71V424S
Download  IDT71V424S Download
File Size   72.68 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM

IDT71V424S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V424S Datasheet PDF - Integrated Device Technology

Part # IDT71V424S
Download  IDT71V424S Click to download

File Size   72.68 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM

IDT71V424S Datasheet (HTML) - Integrated Device Technology


IDT71V424S Product details

Description
The IDT71V424 is a 4,194,304-bit high-speed Static RAM organized as 512K x 8. It is fabricated using IDT’s high-perfomance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for high speed memory needs.

Features
◆512K x 8 advanced high-speed CMOS Static RAM
◆JEDEC Center Power / GND pinout for reduced noise
◆Equal access and cycle times
   — Commercial and Industrial: 10/12/15ns
◆Single 3.3V power supply
◆One Chip Select plus one Output Enable pin
◆Bidirectional data inputs and outputs directly TTL-compatible
◆Low power consumption via chip deselect
◆Available in 36-pin, 400 mil plastic SOJ package and 44-pin, 400 mil TSOP.




Similar Part No. - IDT71V424S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424S IDT-IDT71V424S Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V424S10PH IDT-IDT71V424S10PH Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V424S10PHG IDT-IDT71V424S10PHG Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V424S10PHGI IDT-IDT71V424S10PHGI Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V424S10PHI IDT-IDT71V424S10PHI Datasheet
19Kb / 9P
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
More results


Similar Description - IDT71V424S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
CMOS STATIC RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
256 X 16 CMOS 3.3V STATIC RAM
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
3.3V CMOS Static RAM
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
3.3V CMOS Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com