Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTEL82801 Datasheet (PDF) - Intel Corporation

INTEL82801 Datasheet PDF - Intel Corporation
Part # INTEL82801
Download  INTEL82801 Download
File Size   2140.6 Kbytes
Page   414 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82801AB (ICH0) I/O Controller Hub

INTEL82801 Datasheet (PDF)

Go To PDF Page Download Datasheet
INTEL82801 Datasheet PDF - Intel Corporation

Part # INTEL82801
Download  INTEL82801 Click to download

File Size   2140.6 Kbytes
Page   414 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82801AB (ICH0) I/O Controller Hub

INTEL82801 Datasheet (HTML) - Intel Corporation


INTEL82801 Product details

Introduction
The ICH is a highly integrated multifunctional I/O Controller Hub that provides the interface to the PCI Bus and integrates many of the functions needed in today’s PC platforms. The ICH communicates with the host controller over a dedicated hub interface. There are two versions of the ICH (82801AA: ICH and 82801AB: ICH0). This provides added flexibility in designing costeffective system solutions. These devices are pin compatible and are in 241-pin packages.

Intel® 82801AA (I CH) and Intel® 82801AB (ICH0) Features

■ PCI Bus Interface
    — Supports PCI at 33 MHz
    — Supports PCI Rev 2.2 Specification
    — 133 MByte/sec Maximum Throughput
■ Integrated IDE Controller
    — Independent Timing of Up to 4 Drives
    — Supports Ultra ATA/33 Mode (33 Mbytes/sec)
    — PIO Mode 4 Transfers up to 14 Mbytes/s
    — Separate IDE Connections for Primary and Secondary Cables
    — Implements Write Ping-Pong Buffer for faster write performance
■ USB
    — UHCI Implementation With 2 Ports
    — Supports Wake-up From Sleeping States S1-S4
    — Supports Legacy Keyboard/Mouse Software
    — USB Revision 1.1 Compliant
■ AC97 Link for Audio and Telephony CODECs
    — AC’97 2.1 Compliant
    — 5 Independent Bus Master Logic for PCM In, PCM Out, Mic Input, Modem In, Modem Out
    — Separate Independent PCI Functions for Audio and Modem
    — Supports wake-up events
■ Interrupt Controller
    — Two Cascaded 82C59
    — Integrated I/O APIC Capability
    — 15 Interrupts Support in 8259 Mode, 24 Supported in I/O APIC Mode.
    — Supports Serial Interrupt Protocol
■ Timers Based on 82C54
■ System Timer, Refresh Request, Speaker Tone Output
■ 3.3 V Operation With 5 V Tolerant Buffers for IDE and PCI signals.
■ 241 BGA package
■ GPIO
    — TTL, Open-Drain, Inversion
■ Power Management Logic
    — ACPI 1.0 Compliant
    — Support for APM-Based Legacy Power Management for Non-ACPI Implementations
    — ACPI Defined Power States (S1, S3, S4, S5)
    — ACPI Power Management Timer
    — SMI# Generation
    — All Registers Readable/Restorable for Proper Resume from 0 V Suspend States
    — PCI PME#
■ Low Pin count (LPC) Interface
    — Allows Connection of Legacy ISA and X-Bus Devices such as Super I/O
    — Supports Two Master/DMA Devices.
■ Enhanced DMA Controller
    — Two Cascaded 8237 DMA Controllers
    — PCI DMA: Supports PC/PCI — Includes Two PC/PCI REQ#/GNT# Pairs
    — Supports LPC DMA
    — Supports DMA Collection Buffer to Provide Type-F DMA Performance for All DMA Channels
■ Real - Time Clock
    — 256-byte Battery-Backed CMOS RAM
    — Hardware implementation to indicate Century Rollover
■ System TCO Reduction Circuits
    — Timers to Generate SMI# and Reset Upon Detection of locked system
    — Timers to Detect Improper Processor Reset
    — Integrated Processor Frequency Strap Logic
■ SM Bus
    — Host Interface Allows Processor to Communicate via SM Bus
    — Compatible With Most 2-Wire Components that are Also I2C compatible
■ Supports ISA Bus via External PCI-ISA Bridge
■ Firmware Hub (FWH) Interface
    — Master PCI Device Support: up to 6 for the ICH and up to 4 for the ICH0
    — The ICH Supports Ultra ATA/66 Mode (66 Mbytes/sec)
■ The 82801AA provides Alert On LAN* Support




Similar Part No. - INTEL82801

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 56P
Intel386 EX Embedded Microprocessor
INTEL386 INTEL-INTEL386 Datasheet
766Kb / 56P
Intel386 EX Embedded Microprocessor
INTEL386 INTEL-INTEL386 Datasheet
1Mb / 102P
MICROPROCESSOR
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
MICROPROCESSOR
INTEL387TMDX INTEL-INTEL387TMDX Datasheet
435Kb / 41P
Intel387TM DX MATH COPROCESSOR
More results


Similar Description - INTEL82801

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82801FB INTEL-82801FB Datasheet
3Mb / 786P
Intel I/O Controller Hub 6 (ICH6) Family
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
I/O Controller Hub
82801BA INTEL-82801BA Datasheet
5Mb / 498P
Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
307013-003 INTEL-307013-003 Datasheet
6Mb / 848P
Intel I/O Controller Hub 7
316972-004 INTEL-316972-004 Datasheet
6Mb / 884P
Intel I/O Controller Hub 9
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
Intel I/O Controller Hub 10
NH82801HBSL9MN INTEL-NH82801HBSL9MN Datasheet
4Mb / 890P
Intel짰 I/O Controller Hub 8 (ICH8) Family
FW82801BASL5PN INTEL-FW82801BASL5PN Datasheet
7Mb / 671P
Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
FW82801EB-SL73Z INTEL-FW82801EB-SL73Z Datasheet
7Mb / 671P
Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
NH82801HO-SL9MM INTEL-NH82801HO-SL9MM Datasheet
4Mb / 890P
Intel짰 I/O Controller Hub 8 (ICH8) Family
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com