Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2166 Datasheet (PDF) - International Rectifier

IR2166 Datasheet PDF - International Rectifier
Part # IR2166
Download  IR2166 Download
File Size   371.79 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PFC & BALLAST CONTROL IC

IR2166 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2166 Datasheet PDF - International Rectifier

Part # IR2166
Download  IR2166 Click to download

File Size   371.79 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PFC & BALLAST CONTROL IC

IR2166 Datasheet (HTML) - International Rectifier


IR2166 Product details

Description

The IR2166 is a fully integrated, fully protected 600V ballast control IC designed to drive all types of fluorescent lamps. PFC circuitry operates in critical conduction mode and provides for high PF, low THD and DC Bus regulation. The IR2166 features in clude programmable preheat and run frequencies, programmable preheat time, programmable dead-time, programmable over-current protection, and programmable end of-life protection. Comprehensive protection features such as protection from failure of a lamp to strike, filament failures, end-of-life protection, DC bus undervoltage reset as well as an automatic restart function, have been included in the design. The IR2166 is available in both 16-lead PDIP and 16-lead (narrow body) SOIC packages.



Features

• PFC, Ballast control and half-bridge driver in one IC

• Critical conduction mode boost type PFC

• No PFC current sense resistor required

• Programmable preheat frequency

• Programmable preheat time

• Programmable run frequency

• Programmable over-current protection

• Programmable end-of-life protection

• Programmable dead time

• Internal ignition ramp

• Internal fault counter

• DC bus under-voltage reset

• Shutdown pin with hysteresis

• Internal 15.6V zener clamp diode on Vcc

• Micropower startup (150µA)

• Latch immunity and ESD protection

• Parts also available LEAD-FREE



 




Similar Part No. - IR2166

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IR2166PBF IRF-IR2166PBF Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
IR2166S IRF-IR2166S Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
More results


Similar Description - IR2166

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com