Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44827 Datasheet (PDF) - Motorola, Inc

MC44827 Datasheet PDF - Motorola, Inc
Part # MC44827
Download  MC44827 Download
File Size   161.09 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW?밣OWER PLL TUNING CIRCUIT

MC44827 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44827 Datasheet PDF - Motorola, Inc

Part # MC44827
Download  MC44827 Click to download

File Size   161.09 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW?밣OWER PLL TUNING CIRCUIT

MC44827 Datasheet (HTML) - Motorola, Inc


MC44827 Product details

Low Power PLL Tuning Circuits for 3-Wire Bus

The MC44827/27B are tuning circuits for TV and VCR tuner applications. They contain on one chip all the functions required for PLL control of a VCO. The integrated circuits also contain a high frequency prescaler and thus can handle frequencies up to 1.3 GHz.
The MC44827 has programmable 512/1024 reference divider while the MC44827B has a fixed reference divider of 1024.
The MC44827/27B offer the same features as MC44817/17B but has improved sensitivity performance and reduced power dissipation. The low frequency preamplifier has been removed and the operational amplifier pull–up resistor has been increased to 60 kΩ.
The MC44827/27B are controlled via a 3–wire bus. The MC44827/27B have the same functions as the MC44828 which is I2C bus controlled. The MC44827/27B and the MC44828 can be exchanged to allow conversion between 3–wire bus and I2C bus control.
The MC44827/27B are manufactured on a single silicon chip using Motorola’s high density bipolar process, MOSAIC™ (Motorola Oxide Self Aligned Implanted Circuits).

• Complete Single Chip System for MPU Control (3–Wire Bus). Data and Clock Inputs are I2C Bus Compatible
• Divide–by–8 Prescaler Accepts Frequencies up to 1.3 GHz
• 15 Bit Programmable Divider Accepts Input Frequencies up to 165 MHz
• 3–State Phase/Frequency Comparator
• Operational Amplifier for Direct Tuning Voltage Output (30 V)
• Four Integrated PNP Band Buffers can drive up to 40 mA (VCC1 to 14.4 V)
• Output Options for the Reference Frequency and the Programmable Divider
• Bus Protocol for 18 or 19 Bit Transmission
• Extra 34–Bit Protocol for Test and Further Features
• High Sensitivity Preamplifier
• Lower Power Consumption, 200 mW Typical
• Improved Prescaler with Higher Margins for Sensitivity and Temperature Range
• Lock Detector with Push–Pull Output
• Space–Saving TSSOP Package
• ESD Protected to MIL–STD–883C, Method 3015.7 (1.5 kΩ,100 pF)




Similar Part No. - MC44827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44824D MOTOROLA-MC44824D Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44825D MOTOROLA-MC44825D Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44826D MOTOROLA-MC44826D Datasheet
140Kb / 8P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
More results


Similar Description - MC44827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
Radio tuning PLL frequency synthesizer
November 1983
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Toshiba Semiconductor
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
PLL FOR DIGITAL TUNING SYSTEM
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
PLL Tuning Circuit with 1.3GHz Prescaler
logo
EPCOS
B82464A4683K EPCOS-B82464A4683K Datasheet
45Kb / 3P
SMT?밣ower?밒nductors
B82477G4223M EPCOS-B82477G4223M Datasheet
41Kb / 3P
SMT?밣ower?밒nductors
logo
Continental Device Indi...
BSR18A CDIL-BSR18A Datasheet
150Kb / 4P
SILICON LOW?밣OWER SWITCHING TRANSISTORS
logo
Motorola, Inc
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
LOW?밣OWER DUAL CONVERSION FM RECEIVER
MC14544B MOTOROLA-MC14544B Datasheet
266Kb / 7P
CMOS MSI (Low?밣ower Complementary MOS)
MC44871 MOTOROLA-MC44871 Datasheet
202Kb / 12P
PLL TUNING CIRCUIT WITH HIGH SPEED I2C BUS AND 30 V TUNING SUPPLY
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com