Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW480-72 Datasheet (PDF) - Bel Fuse Inc.

LDW480-72 Datasheet PDF - Bel Fuse Inc.
Part # LDW480-72
Download  LDW480-72 Download
File Size   406.46 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single, two or three phase input AC 187 ??550 VAC

LDW480-72 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDW480-72 Datasheet PDF - Bel Fuse Inc.

Part # LDW480-72
Download  LDW480-72 Click to download

File Size   406.46 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single, two or three phase input AC 187 ??550 VAC

LDW480-72 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW480-72 BEL-LDW480-72 Datasheet
569Kb / 4P
Only 73 mm width aluminum enclosure
More results


Similar Description - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-FPE6 VICOR-VI-FPE6 Datasheet
96Kb / 2P
Single or Three Phase Strappable
logo
Teledyne Technologies I...
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
Three Phase AC Input
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
Single phase AC input 187 - 264 VAC (250 ??375 VDC)
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
LDW240-12 BEL-LDW240-12 Datasheet
414Kb / 4P
Single, two or three phase input AC 187 ??550 VAC
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com