Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS547AP Datasheet (PDF) - Lite-On Technology Corporation

LTS547AP Datasheet PDF - Lite-On Technology Corporation
Part # LTS547AP
Download  LTS547AP Download
File Size   128.84 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY

LTS547AP Datasheet (PDF)

Go To PDF Page Download Datasheet
LTS547AP Datasheet PDF - Lite-On Technology Corporation

Part # LTS547AP
Download  LTS547AP Click to download

File Size   128.84 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY

LTS547AP Datasheet (HTML) - Lite-On Technology Corporation


LTS547AP Product details

FEATURES

* 0.52 inch (13.2 mm) DIGIT HEIGHT

* CONTINUOUS UNIFORM SEGMENTS.

* LOW POWER REQUIREMENT.

* EXCELLENT CHARACTERS APPEARANCE.

* HIGH BRIGHTNESS & HIGH CONTRAST.

* WIDE VIEWING ANGLE.

* SOLID STATE RELIABILITY.

* CATEGORIZED FOR LUMINOUS INTENSITY




Similar Part No. - LTS547AP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTS5.5MCB TOKEN-LTS5.5MCB Datasheet
303Kb / 3P
LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS5.5MCB TRANSKO-LTS5.5MCB Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LTS5.5MCBP TOKEN-LTS5.5MCBP Datasheet
303Kb / 3P
LTS MCB/MDB Ceramic Filters
LTS5.5MDB TOKEN-LTS5.5MDB Datasheet
303Kb / 3P
LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS5.5MDB TRANSKO-LTS5.5MDB Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results


Similar Description - LTS547AP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-546AHR LITEON-LTS-546AHR Datasheet
128Kb / 5P
0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
0.52 Inch (13.2 mm) digit height single digit seven-segment display
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
0.52 inch (13.2mm) digit height single digit seven-segment display
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
0.4 inch (10.0mm) digit height single digit, seven-segment display
logo
BetLux Electronics
BL-S52A-11 BETLUX-BL-S52A-11 Datasheet
308Kb / 5P
13.20mm (0.52) Single digit Seven Segment LED display series
REV NO: V.2
BL-S52A-12 BETLUX-BL-S52A-12 Datasheet
311Kb / 5P
13.20mm (0.52) Single digit Seven Segment LED display series
REV NO: V.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com