Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q68000A8093 Datasheet (PDF) - OSRAM GmbH

Q68000A8093 Datasheet PDF - OSRAM GmbH
Part # Q68000A8093
Download  Q68000A8093 Download
File Size   467.47 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver

Q68000A8093 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q68000A8093 Datasheet PDF - OSRAM GmbH

Part # Q68000A8093
Download  Q68000A8093 Click to download

File Size   467.47 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver

Q68000A8093 Datasheet (HTML) - OSRAM GmbH


Q68000A8093 Product details

Description
The DLR/DLO/DLG1414 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.
The integrated circuit contains memory, ASCII ROM decoder, multiplex circuitry and drivers. Data entry is asynchronous and random. A display system can be built using any number of DLX1414s since each character in any DLX1414 can be addressed independently and will continue to display the character last stored until replaced by another.
System interconnection is very straightforward. The least significant two address bits (A0, A1) are normally connected to the like named inputs of all displays in the system. Data lines are connected to all DLX1414s directly and in parallel as is the write line (WR). The display then will behave as a write only memory.
The DLX1414 has several features superior to competitive devices. The character set consists of 128 special ASCII characters for English, German, Italian, Swedish, Danish, and Norwegian.

Features
• 0.145" High, Dot Matrix Character
• 128 Special ASCII Characters for English, German,
   Italian, Swedish, Danish, and Norwegian Languages
• Wide Viewing Angle: X Axis ±50°, Y Axis ±75°
• Close Vertical Row Spacing, 0.800" Centers
• Fast Access Time, 110 ns at 25°C
• Compact Size for Hand Held Equipment
• Built-in Memory
• Built-in Character Generator
   Built-in Multiplex and LED Drive Circuitry
• Direct Access to Each Digit Independently and Asyn chronously
• TTL Compatible, 5.0 Volt Power
• Low Power Consumption, 20 mA per Character Typical
• Intensity Coded for Display Uniformity
• Extended Operating Temperature Range: –40°C to +85°C
• End Stackable, 4-Character Package




Similar Part No. - Q68000A8093

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q68000A8000 OSRAM-Q68000A8000 Datasheet
182Kb / 7P
GaAlAs-Infrarot-Sendediode
More results


Similar Description - Q68000A8093

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MDL2416C SIEMENS-MDL2416C Datasheet
265Kb / 8P
15 RED, 4-DIGIT, 16 SEGMENT PLUS DECIMAL HI-REL/MILITARY ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
Siemens Semiconductor G...
DL3416 SIEMENS-DL3416 Datasheet
767Kb / 6P
.224 Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
logo
Siemens Semiconductor G...
DL-3416 SIEMENS-DL-3416 Datasheet
425Kb / 6P
.225" Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com