Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143XEB Datasheet (PDF) - Rohm

DTA143XEB Datasheet PDF - Rohm
Part # DTA143XEB
Download  DTA143XEB Download
File Size   1814.91 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistor

DTA143XEB Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA143XEB Datasheet PDF - Rohm

Part # DTA143XEB
Download  DTA143XEB Click to download

File Size   1814.91 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistor

DTA143XEB Datasheet (HTML) - Rohm


DTA143XEB Product details

Features
1) Built-In Biasing Resistors, R1 = 4.7kΩ, R2 = 10kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary NPN Types: DTC143X series

Application
    INVERTER, INTERFACE, DRIVER




Similar Part No. - DTA143XEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
-100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
1Mb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143XEBHZG ROHM-DTA143XEBHZG Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Similar Description - DTA143XEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com