Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9113 Datasheet (PDF) - Intersil Corporation

ISL9113 Datasheet PDF - Intersil Corporation
Part # ISL9113
Download  ISL9113 Download
File Size   703.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch

ISL9113 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9113 Datasheet PDF - Intersil Corporation

Part # ISL9113
Download  ISL9113 Click to download

File Size   703.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch

ISL9113 Datasheet (HTML) - Intersil Corporation


ISL9113 Product details

The ISL9113 provides a power supply solution for devices
powered by three-cell alkaline, NiCd, NiMH or one-cell
Li-Ion/Li-Polymer batteries. It offers either a fixed 5V or an
adjustable output option for USB-OTG or portable HDMI
applications. The device is guaranteed to supply 500mA from
a 3V input and 5V output and has a typical 1.3A peak current
limit. High 1.8MHz switching frequency allows for the use of
tiny, low-profile inductors and ceramic capacitors to minimize
the size of the overall solution.
The ISL9113 is an internally compensated, fully integrated
synchronous converter optimized for efficiency with minimal
external components. At light load, the device enters skip
mode and consumes only 20µA of quiescent current, resulting
in higher efficiency at light loads and maximum battery life.
The device is available in an 8 Ld DFN package and a 6 bump
WLCSP.

Features
• Up to 95% efficiency at typical operating conditions
• Input voltage range: 0.8V to 4.7V
• Output current: Up to 500mA (VBAT = 3.0V, VOUT = 5.0V)
• Low quiescent current: 20μA (typical)
• Logic control shutdown (IQ < 1µA)
• Fixed 5V, 5.1V or adjustable output
• 1.2V EN high logic
• Output disconnect during shutdown
• Skip mode under light load condition
• Undervoltage lockout
• Fault protection: OVP (ADJ version only), OTP, short circuit
• 8 Ld 2mmx2mm DFN package and 6 bump
0.8mmx1.36mm WLCSP

Applications
• Products including portable HDMI and USB-OTG
• Smartphones
• Tablet and mobile internet devices




Similar Part No. - ISL9113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
More results


Similar Description - ISL9113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
December 7, 2011
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com