Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet (PDF) - Microchip Technology

P12C508 Datasheet PDF - Microchip Technology
Part # P12C508
Download  P12C508 Download
File Size   526.45 Kbytes
Page   84 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller

P12C508 Datasheet (PDF)

Go To PDF Page Download Datasheet
P12C508 Datasheet PDF - Microchip Technology

Part # P12C508
Download  P12C508 Click to download

File Size   526.45 Kbytes
Page   84 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin, 8-Bit CMOS Microcontroller

P12C508 Datasheet (HTML) - Microchip Technology


P12C508 Product details

GENERAL DESCRIPTION
The PIC12C5XX from Microchip Technology is a family of low-cost, high performance, 8-bit, fully static, EEPROM/EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/single cycle instructions. All instructions are single cycle (1 µs) except for program branches which take two cycles. The PIC12C5XX delivers performance an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.

High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1 µs) except for program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input DC - 1 µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions
• Internal 4 MHz RC oscillator with programmable calibration
• In-circuit serial programming

Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal weak pull-ups on I/O pins
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Internal 4 MHz RC oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low power, high speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C
   - Extended: -40°C to +125°C
• Low power consumption
   - < 2 mA @ 5V, 4 MHz
   - 15 µA typical @ 3V, 32 KHz
   - < 1 µA typical standby current




Similar Part No. - P12C508

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P12C1205S HY-LINE-P12C1205S Datasheet
1Mb / 4P
12 W DC-DC Converter P12C-Series
Rev: 20180611 f
P12C1212D HY-LINE-P12C1212D Datasheet
1Mb / 4P
12 W DC-DC Converter P12C-Series
Rev: 20180611 f
P12C1212S HY-LINE-P12C1212S Datasheet
1Mb / 4P
12 W DC-DC Converter P12C-Series
Rev: 20180611 f
P12C1215D HY-LINE-P12C1215D Datasheet
1Mb / 4P
12 W DC-DC Converter P12C-Series
Rev: 20180611 f
P12C1215S HY-LINE-P12C1215S Datasheet
1Mb / 4P
12 W DC-DC Converter P12C-Series
Rev: 20180611 f
More results


Similar Description - P12C508

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
logo
Microchip Technology
PIC16C505 MICROCHIP-PIC16C505 Datasheet
602Kb / 80P
14-Pin, 8-Bit CMOS Microcontroller
1998
logo
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com