Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL76534 Datasheet (PDF) - Intersil Corporation

ISL76534 Datasheet PDF - Intersil Corporation
Part # ISL76534
Download  ISL76534 Download
File Size   741.52 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM

ISL76534 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL76534 Datasheet PDF - Intersil Corporation

Part # ISL76534
Download  ISL76534 Click to download

File Size   741.52 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM

ISL76534 Datasheet (HTML) - Intersil Corporation


ISL76534 Product details

The ISL76534 is a programmable gamma buffer for TFT-LCDs
featuring ultra-low power operation. The ISL76534 contains an
I
2C programmable, 10-bit, 14-channel gamma reference
voltage generator with buffered outputs, a 10-bit
programmable VCOM calibrator, a high output current VCOM
amplifier, and internal EEPROM to store all reference voltage
data. The EEPROM features an endurance of 10,000 write
cycles and a data retention of 20 years at 105°C.
Combining gamma and VCOM reference voltage generators
with low power operation and EEPROM, the ISL76534 provides
a complete reference voltage solution ideal for TFT-LCD
displays.
The ISL76534 is available in a super thin (height = 0.4mm
maximum) 28 Ld 4mmx5mm X2QFN thermally enhanced
package. The device is specified for operation across the
ambient temperature -40°C to +105°C.

Features
• 14-channel gamma references, 10-bit resolution with
buffered outputs
• 1-channel VCOM calibrator with 10-bit resolution
• High output current VCOM amplifier
• Ultra-low power operation, ideal for automotive displays:
Typical quiescent power, 12mW at 8V AVDD
• EEPROM data retention: 20 years at 105°C
• EEPROM endurance: 10,000 write cycles
- Read/write capable over 2.25V to 3.6V DVDD range
• 6.3V to 19V analog supply operating range
• 2.25V to 3.6V digital supply operating range
• Power Supply Rejection Ratio (PSRR): 75dB typical
• 28 Ld 4mmx5mm super thin X2QFN package
• Pb-free (RoHS compliant)
• AEC-Q100 qualified

Applications
• Automotive infotainment display
• Automotive Center Information Display (CID)
• Automotive smart mirrors
• Automotive instrument cluster display
• Automotive TFT-LCD display




Similar Part No. - ISL76534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
ISL76534ARXZ RENESAS-ISL76534ARXZ Datasheet
1Mb / 24P
Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
ISL76534EVAL1Z RENESAS-ISL76534EVAL1Z Datasheet
1Mb / 24P
Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
More results


Similar Description - ISL76534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
18-Channel Gamma Buffer with Regulator
7/04-Revision 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
18-Channel Gamma Buffer with Regulator
10/04-Revision 0
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
logo
Analog Devices
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. A
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com