Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL91110 Datasheet (PDF) - Intersil Corporation

ISL91110 Datasheet PDF - Intersil Corporation
Part # ISL91110
Download  ISL91110 Download
File Size   553.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency Buck-Boost Regulator with 4.5A Switches

ISL91110 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91110 Datasheet PDF - Intersil Corporation

Part # ISL91110
Download  ISL91110 Click to download

File Size   553.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency Buck-Boost Regulator with 4.5A Switches

ISL91110 Datasheet (HTML) - Intersil Corporation


ISL91110 Product details

The ISL91110 is a high-current buck-boost switching regulator
for systems using new battery chemistries. It uses Intersil’s
proprietary buck-boost algorithm to maintain voltage regulation
while providing excellent efficiency and very low output voltage
ripple when the input voltage is close to the output voltage.
The ISL91110 is capable of delivering at least 2A continuous
output current (VOUT = 3.3V) over a battery voltage range of 2.5V
to 4.35V. This maximizes the energy utilization of advanced
single-cell Li-ion battery chemistries that have significant
capacity left at voltages below the system voltage. Its fully
synchronous low ON-resistance 4-switch architecture and a low
quiescent current of only 35µA optimize efficiency under all load
conditions.
The ISL91110 supports standalone applications with a fixed 3.3V
or 3.5V output voltage or adjustable output voltage with an
external resistor divider. Output voltages as low as 1.0V or as
high as 5.2V are supported.
The ISL91110 is available in a 25-bump, 0.4mm pitch WLCSP
(2.33mmx2.07mm) and a 2.5MHz switching frequency, which
further reduces the size of external components.

Features
• Accepts input voltages above or below regulated output
voltage
• Automatic and seamless transitions between buck and boost
modes
• Input voltage range: 1.8V to 5.5V
• Output current: up to 2A (PVIN = 2.5V, VOUT = 3.3V)
• Burst current: up to 3A (PVIN = 3V, VOUT = 3.3V, tON < 600µs,
t = 4.6ms)
• High efficiency: up to 96%
• 35µA quiescent current maximizes light-load efficiency
• 2.5MHz switching frequency minimizes external component
size
• Fully protected for short-circuit, over-temperature, and
undervoltage
• Small 2.33mmx2.07mm WLCSP

Applications
• Brownout free system voltage for smartphones and tablet PCs
• Wireless communication devices
• 2G/3G/4G RF power amplifiers




Similar Part No. - ISL91110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110II2AZ-T RENESAS-ISL91110II2AZ-T Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110II2AZ-T7A RENESAS-ISL91110II2AZ-T7A Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110IIA-EVZ RENESAS-ISL91110IIA-EVZ Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110IIAZ-T RENESAS-ISL91110IIAZ-T Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
More results


Similar Description - ISL91110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
March 2, 2015
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 9, 2016
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com