Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL58327 Datasheet (PDF) - Intersil Corporation

ISL58327 Datasheet PDF - Intersil Corporation
Part # ISL58327
Download  ISL58327 Download
File Size   346.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wide Optical Spectrum Laser Power Monitor IC

ISL58327 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL58327 Datasheet PDF - Intersil Corporation

Part # ISL58327
Download  ISL58327 Click to download

File Size   346.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wide Optical Spectrum Laser Power Monitor IC

ISL58327 Datasheet (HTML) - Intersil Corporation


ISL58327 Product details

The ISL58327 photo sensor IC has a wide optical spectral
sensitivity from 400nm to 1000nm. It is good for multiple light
source applications, such as laser based projectors. The
ISL58327 has two banks of three sets of gain registers. For a
Pico-Projector application, the two banks of gain registers can be
used to monitor the bias level and peak level of each wavelength.
Bank switching is done by applying a TTL compatible logic signal
to the HL pin. The three sets of gain registers can be used to
adjust optical-to-electrical conversion gain for each RED, GREEN,
and BLUE laser or any wavelength in a spectral range for
application. The ISL58327 is a single die device that has a photo
detector of 0.7mm diameter in the center of the die. The photo
current signal is amplified through the TIA, fine gain amplifier,
and the output drivers to convert from current to voltage. The
output of ISL58327 can be configured to be either differential or
single-ended. Gain changing according to each wavelength is
done through the I2C serial interface. Registers can be updated
in real time while the device is in operation.
The ISL58327 operates from a single +5V supply. It is available
in a space-saving 9-ball glass top BGA package.

Features
• High Sensitivity from 400nm to 1000nm with Patented
Technology for Improved Blue Photo Response
• Differential Voltage Output or Single-Ended Output
• Internal Output Reference or External Output Reference
• Serial Interface for Gain Calibration
• Fast Settling Time < 20ns
• Wide Signal Bandwidth > 80MHz
• Wide Signal Gain Dynamic Range > 20dB
• Low Power Consumption
• Low Output Offset < 50mV
• Small 9-Ball Optical Chip Scale Package (OCSP) (3mmx3mm)
• I2C Serial Interface

Applications
• Optical Power Monitoring
• Laser Based Pico-Projectors or Projection TV
• Laser Auto Power Control for Laser Based Application
• White Balance for LED Based LCoS and DLP Pico Projectors




Similar Part No. - ISL58327

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7 RENESAS-ISL58327CIZ-T7 Datasheet
650Kb / 15P
Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7A RENESAS-ISL58327CIZ-T7A Datasheet
650Kb / 15P
Wide Optical Spectrum Laser Power Monitor IC
More results


Similar Description - ISL58327

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
Power Monitor IC
logo
Intersil Corporation
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
Wide Optical Spectrum Laser Power Monitor IC
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
Wide Optical Spectrum Laser Power Monitor IC
October 13, 2011
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
Front Monitor OE-IC for Optical Pickups
June, 2013
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
5V Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
3V Wide Optical Spectrum Laser Power Monitor IC
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com