Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1669 Datasheet (PDF) - Bourns Electronic Solutions

1669 Datasheet PDF - Bourns Electronic Solutions
Part # 1669
Download  1669 Download
File Size   174.07 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Protector

1669 Datasheet (PDF)

Go To PDF Page Download Datasheet
1669 Datasheet PDF - Bourns Electronic Solutions

Part # 1669
Download  1669 Click to download

File Size   174.07 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Protector

1669 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 1669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1669 ETC2-1669 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
1669 ETC2-1669 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Heyco.
1669 HEYCO-1669 Datasheet
112Kb / 1P
Shorty Plugs
logo
Adafruit Industries
1669 ADAFRUIT-1669 Datasheet
113Kb / 2P
Stereo Enclosed Speaker Set - 3W 4 Ohm
logo
Keystone Electronics Co...
1669 KEYSTONE-1669 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 1669

ManufacturerPart #DatasheetDescription
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
PJLC1V5 PANJIT-PJLC1V5_06 Datasheet
65Kb / 4P
SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
logo
Littelfuse
P1402C_L LITTELFUSE-P1402C_L Datasheet
157Kb / 2P
TwinSLIC??Protector
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
ESD Protector
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
Overvoltage Protector
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
1669-01 BOURNS-1669-01 Datasheet
168Kb / 2P
Transient Protector
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com