Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97691IRTZ Datasheet (PDF) - Intersil Corporation

ISL97691IRTZ Datasheet PDF - Intersil Corporation
Part # ISL97691IRTZ
Download  ISL97691IRTZ Download
File Size   944.55 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application

ISL97691IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97691IRTZ Datasheet PDF - Intersil Corporation

Part # ISL97691IRTZ
Download  ISL97691IRTZ Click to download

File Size   944.55 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application

ISL97691IRTZ Datasheet (HTML) - Intersil Corporation


ISL97691IRTZ Product details

The ISL97691 is Intersil’s highly integrated 4 channel LED driver
for single cell Li-Ion battery operated mobile displays requiring
analog dimming, and for 3D mobile display applications. It drives
four 40mA channels of LEDs up to 26V from an input supply 2.4V
to 5.5V. The ISL97691 will also drive 60mA channels up to 21V at
30% duty for high peak current 3D modes.
The ISL97691 provides 4 channels of current with 2 independent
analog dimming controls and 2 independent PWM dimming
controls. Channels 1 and 2 form one channel group and channels
3 and 4 form the other channel group. Each channel group’s
analog dimming is controlled through 1-Wire communication
with 6-bit resolution and each channel group’s PWM dimming is
controlled by a separate PWM input. This unique setup allows 2D
or 3D application where independent and dynamic channel
control of LED peak current and PWM dimming duty cycle are
possible. The ISL97691 employs adaptive boost architecture that
allows ultra low dimming duty cycle as low as 0.005% at 100Hz
dimming frequency.
The driver features dynamic headroom control that monitors the
highest LED forward voltage string and uses its feedback signal
for the minimum output regulation.
The ISL97691 incorporates extensive protection functions
including string open and short circuit detections, OVP, and OTP.
The switching frequency can be adjusted from 400kHz to 1.5MHz.
The device is offered in a 16 Ld TQFN 3x3mm package a

Features
• 2.4V Minimum input voltage, no need for higher voltage
supplies
• 4 x 60mA (Note 1) and 4 x 40mA (Note 2) LED current
• 2 Groups of independent analog and pwm current controls
- 1-Wire interfaces for 6-bit analog dimming
- PWM inputs for PWM dimming
- 0.005% Minimum PWM dimming duty cycle at 100Hz
• Low 0.8mA quiescent current
• ±2.5% current matching
• Adjustable switching frequency from 400kHz to 1.5MHz
• Fault protection
- OVP, OTP, channel open/short circuit protections

Applications
• Tablet, notebook PC and smart phone displays LED
backlighting
• Mobile displays for 2D or 3D LED backlighting




Similar Part No. - ISL97691IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Renesas Technology Corp
ISL97691IRTZ RENESAS-ISL97691IRTZ Datasheet
1Mb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
logo
Intersil Corporation
ISL97691IRTZ-EVALZ INTERSIL-ISL97691IRTZ-EVALZ Datasheet
944Kb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Renesas Technology Corp
ISL97691IRTZ-EVALZ RENESAS-ISL97691IRTZ-EVALZ Datasheet
1Mb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
More results


Similar Description - ISL97691IRTZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Intersil Corporation
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Diodes Incorporated
AL1791 DIODES-AL1791 Datasheet
948Kb / 18P
Analog and PWM Dimming
Rev 3
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
logo
Renesas Technology Corp
ISL97691 RENESAS-ISL97691 Datasheet
1Mb / 19P
2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com