Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC044T Datasheet (PDF) - Rohm

DTC044T Datasheet PDF - Rohm
Part # DTC044T
Download  DTC044T Download
File Size   1317.7 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 60mA 50V Digital Transistor

DTC044T Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC044T Datasheet PDF - Rohm

Part # DTC044T
Download  DTC044T Click to download

File Size   1317.7 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 60mA 50V Digital Transistor

DTC044T Datasheet (HTML) - Rohm




Similar Part No. - DTC044T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC044TEB ROHM-DTC044TEB Datasheet
303Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC044TM ROHM-DTC044TM Datasheet
303Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC044TUB ROHM-DTC044TUB Datasheet
303Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
More results


Similar Description - DTC044T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA044T ROHM-DTA044T Datasheet
1Mb / 9P
PNP -60mA -50V Digital Transistor
DTC015E ROHM-DTC015E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC043Z ROHM-DTC043Z Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC114GUA ROHM-DTC114GUA_16 Datasheet
893Kb / 7P
NPN 100mA 50V Digital Transistor
DTC123Y ROHM-DTC123Y Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistor
DTC144WUA ROHM-DTC144WUA Datasheet
1,006Kb / 8P
NPN 100mA 50V Digital Transistor
DTC143EMFHA ROHM-DTC143EMFHA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124XUAFRA ROHM-DTC124XUAFRA Datasheet
906Kb / 8P
NPN 100mA 50V Digital Transistor
DTC124XEFRA ROHM-DTC124XEFRA Datasheet
894Kb / 8P
NPN 100mA 50V Digital Transistor
DTC124EEFRA ROHM-DTC124EEFRA Datasheet
884Kb / 8P
NPN 100mA 50V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com