Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC26C32D Datasheet (PDF) - Motorola, Inc

MC26C32D Datasheet PDF - Motorola, Inc
Part # MC26C32D
Download  MC26C32D Download
File Size   115.01 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad EIA-422-A Line Receiver

MC26C32D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC26C32D Datasheet PDF - Motorola, Inc

Part # MC26C32D
Download  MC26C32D Click to download

File Size   115.01 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad EIA-422-A Line Receiver

MC26C32D Datasheet (HTML) - Motorola, Inc


MC26C32D Product details

The MC26C32 is a quad differential line receiver designed for digital data transmission over balanced lines. The MC26C32 meets all the requirements of standard EIA–422–A while retaining the low–power characteristics of CMOS.
The MC26C32 has an input sensitivity of 200 mV over the common mode input voltage range of ± 7 V. In addition, each receiver chain has internal hysteresis circuitry to improve noise margin and discourage output instability for slowly changing input waveforms.
The MC26C32 is pin compatible with the AM26LS32.
All pins are protected against damage due to electrostatic discharges.

• Typical Power Supply Current: 6 mA
• 2000 V ESD Protection on the Inputs and Outputs
• Typical Propagation Delay: 18 ns
• Typical Input Hysteresis: 75 mV
• Meets the Requirements of Standard EIA–422–A
• Operation from Single 5 V Supply
• High Impedance Mode for Outputs Connected to System Buses
• TTL/CMOS Compatible Outputs




Similar Part No. - MC26C32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
MC26C31D MOTOROLA-MC26C31D Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
MC26C31P MOTOROLA-MC26C31P Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
More results


Similar Description - MC26C32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
Quad EIA-422-A Line Receiver CMOS
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com