Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD3KB05 Datasheet (PDF) - Micro Commercial Components

UD3KB05 Datasheet PDF - Micro Commercial Components
Part # UD3KB05
Download  UD3KB05 Download
File Size   488.11 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High surge forward current capability

UD3KB05 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD3KB05 Datasheet PDF - Micro Commercial Components

Part # UD3KB05
Download  UD3KB05 Click to download

File Size   488.11 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High surge forward current capability

UD3KB05 Datasheet (HTML) - Micro Commercial Components


UD3KB05 Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix Designates
   Compliant. See Ordering Information)
• High Surge Forward Current Capability
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Typical Thermal Resistance: 1.5°C/W Junction to Case With Heatsink
• Typical Thermal Resistance: 55°C/W Junction to Ambient Without
   Heatsink

Mechanical Data
• Mounting Torque: 0.5 N•m




Similar Part No. - UD3KB05

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD3KB05 ZSELEC-UD3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
UD3KB05 ZSELEC-UD3KB05 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD3KB05 ASEMI-UD3KB05 Datasheet
155Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Micro Commercial Compon...
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Zibo Seno Electronic En...
UD3KB05 ZSELEC-UD3KB05_V01 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
More results


Similar Description - UD3KB05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com