Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13282AP Datasheet (PDF) - Motorola, Inc

MC13282AP Datasheet PDF - Motorola, Inc
Part # MC13282AP
Download  MC13282AP Download
File Size   268.22 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 100 MHz VIDEO PROCESSOR WITH OSD INTERFACE

MC13282AP Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13282AP Datasheet PDF - Motorola, Inc

Part # MC13282AP
Download  MC13282AP Click to download

File Size   268.22 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 100 MHz VIDEO PROCESSOR WITH OSD INTERFACE

MC13282AP Datasheet (HTML) - Motorola, Inc


MC13282AP Product details

100 MHz Video Processor with OSD Interface

The MC13282A is a three channel wideband amplifier designed for use as a video pre–amp in high resolution RGB color monitors.

Features:
• 4.0 Vpp Output with 100 MHz Bandwidth
• 3.5 ns Rise/Fall Time
• Subcontrast Control for Each Channel
• Blanking and Clamping Inputs
• Contrast Control
• OSD Interface with 50 MHz Bandwidth
• OSD Contrast Control
• Package: NDIP–24




Similar Part No. - MC13282AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
80/100 MHz Video Processor
MC13280AYP MOTOROLA-MC13280AYP Datasheet
159Kb / 12P
80/100 MHz Video Processor
MC13281A MOTOROLA-MC13281A Datasheet
159Kb / 12P
80/100 MHz Video Processor
MC13281AP MOTOROLA-MC13281AP Datasheet
159Kb / 12P
80/100 MHz Video Processor
MC13281B MOTOROLA-MC13281B Datasheet
159Kb / 12P
80/100 MHz Video Processor
More results


Similar Description - MC13282AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
110 MHz RGB Video Amplifier System with OSD
logo
Samsung semiconductor
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
National Semiconductor ...
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
230 MHz Video Amplifier System with OSD Blanking
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
80/100 MHz Video Processor
logo
Analog Devices
ADV8002KBCZ AD-ADV8002KBCZ Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
Rev. PrA
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
110 MHz RGB Video Amplifier System with OSD
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com