Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4401 Datasheet (PDF) - TRANSYS Electronics Limited

2N4401 Datasheet PDF - TRANSYS Electronics Limited
Part # 2N4401
Download  2N4401 Download
File Size   66.34 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-92 Plastic-Encapsulated Transistors

2N4401 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4401 Datasheet PDF - TRANSYS Electronics Limited

Part # 2N4401
Download  2N4401 Click to download

File Size   66.34 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-92 Plastic-Encapsulated Transistors

2N4401 Datasheet (HTML) - TRANSYS Electronics Limited


2N4401 Product details

TRANSISTOR (NPN)



FEATURES

   Power dissipation

      PCM : 0.625 W (Tamb=25℃)

   Collector current

      ICM : 0.6 A

   Collector-base voltage

      V(BR)CBO : 60 V

   Operating and storage junction temperature range

      TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - 2N4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
2N4401 PHILIPS-2N4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Rohm
2N4401 ROHM-2N4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Semtech Corporation
2N4401 SEMTECH-2N4401 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
More results


Similar Description - 2N4401

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SC1674 TEL-2SC1674 Datasheet
108Kb / 1P
TO-92 Plastic-Encapsulated Transistors
2N5551 TEL-2N5551 Datasheet
66Kb / 2P
TO-92 Plastic-Encapsulated Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com