Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44818 Datasheet (PDF) - Motorola, Inc

MC44818 Datasheet PDF - Motorola, Inc
Part # MC44818
Download  MC44818 Download
File Size   162.33 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS

MC44818 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44818 Datasheet PDF - Motorola, Inc

Part # MC44818
Download  MC44818 Click to download

File Size   162.33 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS

MC44818 Datasheet (HTML) - Motorola, Inc


MC44818 Product details

PLL Tuning Circuit with I2C Bus

The MC44818 is a tuning circuit for TV and VCR tuner applications. It contains, on one chip, all the functions required for PLL control of a VCO. This integrated circuit also contains a high frequency prescaler and thus can handle frequencies up to 1.3 GHz. The MC44818 is a pin compatible drop in replacement for the MC44817, where the only difference is the MC44818 has a fixed divide–by–8 prescaler (cannot be bypassed) and the MC44817 uses the three wire bus.
The MC44818 has a programmable 512/1024 reference divider and is manufactured on a single silicon chip using Motorola’s high density bipolar process, MOSAIC™ (Motorola Oxide Self Aligned Implanted Circuits).

• Complete Single Chip System for MPU Control (I2C Bus). Data and Clock Inputs are 3–Wire Bus Compatible
• Divide–by–8 Prescaler Accepts Frequencies up to 1.3 GHz
• 15 Bit Programmable Divider Accepts Input Frequencies up to 165 MHz
• Reference Divider: Programmable for Division Ratios 512 and 1024.
• 3–State Phase/Frequency Comparator
• Operational Amplifier for Direct Tuning Voltage Output (30 V)
• Four Integrated PNP Band Buffers for 40 mA (VCC1 to 14.4 V)
• Output Options for the Reference Frequency and the Programmable Divider
• High Sensitivity Preamplifier
• Circuit to Detect Phase Lock
• Fully ESD Protected




Similar Part No. - MC44818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44817 MOTOROLA-MC44817 Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
MC44817B MOTOROLA-MC44817B Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
MC44817BD MOTOROLA-MC44817BD Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
MC44817D MOTOROLA-MC44817D Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
More results


Similar Description - MC44818

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
1.3 GHz PLL for TV- and VCR- Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44829 MOTOROLA-MC44829 Datasheet
140Kb / 10P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44864 MOTOROLA-MC44864 Datasheet
207Kb / 12P
PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com