Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC141540 Datasheet (PDF) - Motorola, Inc

MC141540 Datasheet PDF - Motorola, Inc
Part # MC141540
Download  MC141540 Download
File Size   190.23 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Monitor on-Screen Display

MC141540 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC141540 Datasheet PDF - Motorola, Inc

Part # MC141540
Download  MC141540 Click to download

File Size   190.23 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Monitor on-Screen Display

MC141540 Datasheet (HTML) - Motorola, Inc


MC141540 Product details

Monitor On-Screen Display
CMOS

The MC141540 is a high performance HCMOS device designed to interface with a microcontroller unit to allow colored symbols or characters to be displayed on a color monitor. The on–chip PLL allows both multi–system operation and self–generation of system timing. It also minimizes the MCU’s burden through its built–in 273 bytes display/control RAM. By storing a full screen of data and control information, this device has a capability to carry out ‘screen–refresh’ without MCU supervision.

• Fixed Resolution: 320 (CGA) Dots per Line
• Fully Programmable Character Array of 10 Rows by 24 Columns
• 273 Bytes Direct Mapping Display RAM Architecture
• Internal PLL Generates a Wide–Ranged System Clock
• For High–End Monitor Application, Maximum Horizontal Frequency is 100 kHz (32 MHz Dot Clock)
• Programmable Vertical Height of Character to Meet Multi–Sync Requirement
• Programmable Vertical and Horizontal Positioning for Display Center
• 128 Characters and Graphic Symbols ROM
• 10 x 16 Dot Matrix Character
• Character–by–Character Color Selection
• A Maximum of Four Selectable Colors per Row
• Double Character Height and Double Character Width
• Character Bordering or Shadowing
• Three Fully Programmable Background Windows with Overlapping Capability
• Single Positive 5 V Supply
• MC141540P4 is a Replacement for XC141540P with Two Symbols Added in ROM Addresses ‘5C’ and ‘5E’




Similar Part No. - MC141540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
Advanced Monitor On-Screen Display
MC141543P MOTOROLA-MC141543P Datasheet
472Kb / 14P
Advanced Monitor On-Screen Display
More results


Similar Description - MC141540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Dec-1997
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
Monitor On-Screen Display Data Sheet
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
On-Screen Display for LCD Monitor
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
Monitor On-Screen Display
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
Advanced Monitor On-Screen Display
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com