Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145740 Datasheet (PDF) - Motorola, Inc

MC145740 Datasheet PDF - Motorola, Inc
Part # MC145740
Download  MC145740 Download
File Size   144.73 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE

MC145740 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145740 Datasheet PDF - Motorola, Inc

Part # MC145740
Download  MC145740 Click to download

File Size   144.73 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE

MC145740 Datasheet (HTML) - Motorola, Inc


MC145740 Product details

Dual Tone Multiple Frequency Line Interface

The MC145740 is a silicon gate HCMOS LSI designed for general purpose Dual Tone Multiple Frequency (DTMF) communications, and contains a DTMF signal generator and a receiver for all 16 standard digits.
The generator block has a differential line driver which drives a 600 Ω load with 0 dBm level. The transmit signal level is adjusted in 1 dB steps by the programmable attenuator.
The receiver block has an Auto Gain Control (AGC) amplifier to demodulate 50 dB (typ) dynamic range of DTMF signals to the hexadecimal codes.
The device also includes a serial control interface that permits a CPU to exercise the following built–in features.

• Single Power Supply: 3.6 to 5.5 V
• DTMF Generator and Receiver for All 16 Standard Digits
• 0 dBm Line Driver Into 600 Ω Load
• AGC Amplifier
• Programmable Transmit Attenuator
• Serial Control Interface
• Power Down Mode, Less Than 1 µA




Similar Part No. - MC145740

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
V.21/V.23 TELEMETER MODEM
MC145745FW MOTOROLA-MC145745FW Datasheet
175Kb / 16P
V.21/V.23 TELEMETER MODEM
More results


Similar Description - MC145740

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
logo
TEMIC Semiconductors
U4074B TEMIC-U4074B Datasheet
99Kb / 6P
Tone Ringer Interface
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
fujitsu semiconductor
MB4507A FUJITSU-MB4507A Datasheet
312Kb / 11P
DUAL TONE MULTI-FREQUENCY OSCILLATOR
logo
Motorola, Inc
MC145436A MOTOROLA-MC145436A Datasheet
144Kb / 8P
LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com