Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2501 Datasheet (PDF) - Advanced Monolithic Systems

DS2501 Datasheet PDF - Advanced Monolithic Systems
Part # DS2501
Download  DS2501 Download
File Size   73.84 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1A VERY LOW DROPOUT VOLTAGE REGULATORS

DS2501 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2501 Datasheet PDF - Advanced Monolithic Systems

Part # DS2501
Download  DS2501 Click to download

File Size   73.84 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1A VERY LOW DROPOUT VOLTAGE REGULATORS

DS2501 Datasheet (HTML) - Advanced Monolithic Systems


DS2501 Product details

GENERAL DESCRIPTION

The The AMS2501/AMS2502 series of adjustable and fixed low dropout voltage regulators are designed to provide 1A output current. The dropout voltage of the device is 100mV at light loads and rising to 200mV at 500mA output current. A second input voltage of 1.2V or greater than the output is required to achieve this dropout. The AMS2501/AMS2502 can also be used as a single supply device by connecting pin1 and pin 8 together. In this case the dropout voltage will be typically 1.2V.

New features have been added to the AMS2501: a remote Sense pin is brought out virtually eliminating output voltage variations due to load changes. AMS2502 has an additional feature of an On/Off pin to keep the device in stand-by mode. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 1A is less than 1mV.



FEATURES

· Adjustable or Fixed Output 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V

· Output Current of 1A

· Low Dropout, typ. 200mV at 500mA Output Current

· Fast Transient Response

· Remote Sense



APPLICATIONS

· High Efficiency Current Regulators

· Post Regulators for Switching Supplies

· Audio/Video/Modem Card Supply

· Adjustable Power Supply

· Notebook/Personal Computer Supplies



 




Similar Part No. - DS2501

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2501 DALLAS-DS2501 Datasheet
258Kb / 1P
UniqueWareTM Add Only Memory
02 1998
DS2501-UNW DALLAS-DS2501-UNW Datasheet
258Kb / 1P
UniqueWareTM Add Only Memory
02 1998
DS2501P-UNW DALLAS-DS2501P-UNW Datasheet
258Kb / 1P
UniqueWareTM Add Only Memory
02 1998
DS2501S-UNW DALLAS-DS2501S-UNW Datasheet
258Kb / 1P
UniqueWareTM Add Only Memory
02 1998
More results


Similar Description - DS2501

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
1A BiCMOS Very Low Dropout Regulators
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
1A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com