Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71117 Datasheet (PDF) - Vishay Siliconix

71117 Datasheet PDF - Vishay Siliconix
Part # 71117
Download  71117 Download
File Size   201.76 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SI9113 Demonstration Board

71117 Datasheet (PDF)

Go To PDF Page Download Datasheet
71117 Datasheet PDF - Vishay Siliconix

Part # 71117
Download  71117 Click to download

File Size   201.76 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SI9113 Demonstration Board

71117 Datasheet (HTML) - Vishay Siliconix


71117 Product details

DESCRIPTION

As discussed in application note, AN728, the Si9113 power supply controller is an ideal choice for ISDN terminal equipment, where high efficiency at a low power level is one of most important criteria. Therefore, Vishay Siliconix has developed versions of a dual output flyback application demonstration boards, the Si9113D1 and the Si9113D2, which use different regulation schemes. These readily available demo boards are configured to deliver approximately 800 mW at 3.3-V, and40-V. These outputs and can be easily modified for other output voltages at approximately same power level. The flyback converters are designed to operate from a wide input voltage range of 28 V to 99 V and are polarity protected by a diode bridge. The Si9113D1 and Si9113D2, both operate at 20-kHz switching frequency to achieve the best possible efficiency. The transformer is selected to be slightly larger in this application so that the same area product would be good enough for an even lower window utilization factor (w.u.f.) transformer in order to meet the stringent requirements of clearance and creepage distances.



FEATURES

ISDN-NT Input Voltage Range 28 V to 99 V

Non-Polar Input

3.3-V/120-mA, 40-V/12-mA Outputs With Up To 80% Efficiency

Up to 68% Efficiency at 80-mW Load

40 V Isolated By 3 kV From Input And 3.3-V Output – Si9113D1

3.3 V, 40 V Isolated By 1.5 kV From Input/Each Other – Si9113D2

Current Mode Control, 0.6-V Fast Over-Current Protection

Max 50% Duty Cycle Operation

1.3-MHz Error Amp

Soft-Start

<10-µA Supply Current for +VIN <18 V

Programmed Start/Stop

Internal Start-Up Circuit

Power_Good Output




Similar Part No. - 71117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7111 ETC1-7111 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Trumeter Technologies
7111 TRUMETER-7111 Datasheet
769Kb / 2P
The 7111 series counter is feature packed with an unrivalled performance ratio, suitable for thousands of applications
v.3.3 07/2022
logo
Bourns Electronic Solut...
7111-RC BOURNS-7111-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7111-RC BOURNS-7111-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
7111-RC BOURNS-7111-RC Datasheet
75Kb / 1P
Common Mode EMI Chokes
More results


Similar Description - 71117

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V1 STMICROELECTRONICS-STEVAL-MKI126V1 Datasheet
596Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
UM1569 STMICROELECTRONICS-UM1569 Datasheet
1Mb / 24P
SmartPlugW demonstration board
26-Mar-2013
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
EVAL2293Q demonstration board
06-May-2010
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
EVAL6230QR demonstration board
26-Nov-2010
logo
Renesas Technology Corp
RTKA210040DR0000BU RENESAS-RTKA210040DR0000BU Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com