Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC561 Datasheet (PDF) - Analog Devices

HMC561 Datasheet PDF - Analog Devices
Part # HMC561
Download  HMC561 Download
File Size   391.17 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test Instrumentation

HMC561 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC561 Datasheet PDF - Analog Devices

Part # HMC561
Download  HMC561 Click to download

File Size   391.17 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test Instrumentation

HMC561 Datasheet (HTML) - Analog Devices


HMC561 Product details

General Description
The HMC561 is a x2 active broadband frequency multiplier chip utilizing GaAs PHEMT technology. When driven by a +5 dBm signal, the multiplier provides +17 dBm typical output power from 8 to 21 GHz and the Fo and 3Fo isolations are 15 dBc at 16 GHz. The HMC561 is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -139 dBc/Hz at 100 kHz offset helps maintain good system noise performance.

Features
   High Output Power: +17 dBm
   Low Input Power Drive: 0 to +6 dBm
   Fo Isolation: 15 dBc @ Fout= 16 GHz
   100 KHz SSB Phase Noise: -139 dBc/Hz
   Die Size: 1.6 x 0.9 x 0.1 mm

Typical Applications
The HMC561 is suitable for:
• Clock Generation Applications:
   SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space




Similar Part No. - HMC561

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561 HITTITE-HMC561 Datasheet
354Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561 Datasheet
280Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
logo
Micross Components
HMC561 MICROSS-HMC561 Datasheet
950Kb / 9P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3 Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
More results


Similar Description - HMC561

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC1096LP3E AD-HMC1096LP3E Datasheet
532Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com