Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CX80 Datasheet (PDF) - NXP Semiconductors

P83CX80 Datasheet PDF - NXP Semiconductors
Part # P83CX80
Download  P83CX80 Download
File Size   422.28 Kbytes
Page   84 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 type core

P83CX80 Datasheet (PDF)

Go To PDF Page Download Datasheet
P83CX80 Datasheet PDF - NXP Semiconductors

Part # P83CX80
Download  P83CX80 Click to download

File Size   422.28 Kbytes
Page   84 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 type core

P83CX80 Datasheet (HTML) - NXP Semiconductors


P83CX80 Product details

GENERAL DESCRIPTION
The P83Cx80; P87C380 denotes the following types: P83C880, P83C180, P83C280, P83C380 and P87C380, hereafter referred to as the P83C880, are monitor microcontrollers of the 80C51 family, with DDC (DDC1, DDC2B, DDC2B+ and DDC2AB) interface to the PC host. The internal hardware can separate composite sync signals and detect the various display modes. The digital/analog voltage outputs can be used to control the video and deflection functions the monitor.
This data sheet details the specific properties of the P83C880, P83C180, P83C280, P83C380 and P87C380. The shared characteristics of the 80C51 family of microcontrollers are described in “Data Handbook IC20”, which should be read in conjunction with this data sheet.

FEATURES
• 80C51 type core
• On-chip oscillator with a maximum frequency of 16 MHz (maximum 0.75 µs instruction cycle)
• A DDC interface:
   – That fully supports DDC1 with specific hardware
   – That is DDC2B, DDC2B+, DDC2AB (ACCESS.bus) compliant, based on a dedicated hardware I2C-bus interface.
   – Contains a specific AUX-RAM buffer with programmable size (128 or 256 bytes) that can be used for DDC operation and shared as system RAM
• Automatic mode detection by hardware to capture the following information:
   – HSYNC frequency with 12-bit resolution
   – VSYNC frequency with 12-bit resolution
   – HSYNC and VSYNC polarity
   – HSYNC and VSYNC presence; needed for the VESA Device Power Management Signalling (DPMS) standard
• On-chip sync processor comprising:
   – Composite sync separation
   – Free running mode
   – Clamping
   – Pattern generation
• Two specific ports for the software I2C-bus interface
• 4 analog voltage outputs derived from an 8-bit Digital-to-Analog Converter (DAC)
• Ten 8-bit Pulse Width Modulation (PWM) outputs for digital control application
• One 14-bit PWM output for digital control application
• One 4-bit Analog-to-Digital Converter (ADC) with 2 input channels (for keyboard interface)
• LED driver port (Port 0); eight port lines with 10 mA drive capability
• One 8-bit port only for I/O function
• 20 derivative I/O ports with the specific port type configuration in each alternative function
• Watchdog Timer with a programmable interval
• On-chip Power-on-reset for low power detection
• Special Idle and Power-down modes for reduced power operation
• Optimized for Electromagnetic Compatibility (EMC)
• Operating temperature: −25 to +85 °C
• Single power supply: 4.4 to 5.5 V.




Similar Part No. - P83CX80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C053BBPNB PHILIPS-P83C053BBPNB Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
P83C054BBPNB PHILIPS-P83C054BBPNB Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
P83C055 PHILIPS-P83C055 Datasheet
243Kb / 40P
Microcontrollers for TV and video MTV
1996 Mar 22
P83C055BBP PHILIPS-P83C055BBP Datasheet
243Kb / 40P
Microcontrollers for TV and video MTV
1996 Mar 22
P83C145BBP PHILIPS-P83C145BBP Datasheet
243Kb / 40P
Microcontrollers for TV and video MTV
1996 Mar 22
More results


Similar Description - P83CX80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC552 PHILIPS-8XC552 Datasheet
382Kb / 60P
80C51 FAMILY DERIVATIVES
1996 Aug 06
logo
ATMEL Corporation
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
80C51 MCUs
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
80C51 Microcontrollers
AT89C51AC2 ATMEL-AT89C51AC2_05 Datasheet
324Kb / 29P
80C51 Microcontrollers
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
80C51 MCUs
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
80C51 8-bit microcontroller
2003 Apr 01
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
80C51 Code Compatible
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
RT2000 LEM-RT2000 Datasheet
672Kb / 4P
Split core type
logo
NXP Semiconductors
P87C51RA2 PHILIPS-P87C51RA2 Datasheet
417Kb / 67P
80C51 Central Processing Unit
2003 Jan 24
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com