Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51RC2BA Datasheet (PDF) - NXP Semiconductors

P87C51RC2BA Datasheet PDF - NXP Semiconductors
Part # P87C51RC2BA
Download  P87C51RC2BA Download
File Size   417.92 Kbytes
Page   67 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 Central Processing Unit

P87C51RC2BA Datasheet (PDF)

Go To PDF Page Download Datasheet
P87C51RC2BA Datasheet PDF - NXP Semiconductors

Part # P87C51RC2BA
Download  P87C51RC2BA Click to download

File Size   417.92 Kbytes
Page   67 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 Central Processing Unit

P87C51RC2BA Datasheet (HTML) - NXP Semiconductors


P87C51RC2BA Product details

DESCRIPTION
The devices are Single-Chip 8-Bit Microcontrollers manufactured in an advanced CMOS process and are derivatives of the 80C51 microcontroller family. The instruction set is 100% compatible with the 80C51 instruction set.

FEATURES
• 80C51 Central Processing Unit
   – 8 kbytes OTP (87C51RA2)
   – 16 kbytes OTP (87C51RB2)
   – 32 kbytes OTP (87C51RC2)
   – 64 kbytes OTP (87C51RD2)
   – 512 byte RAM (87C51RA2/RB2/RC2)
   – 1 kbyte RAM (87C51RD2)
   – Boolean processor
   – Fully static operation
   – Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation (via software
   or via parallel programmer)
• Memory addressing capability
   – Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
   – Clock can be stopped and resumed
   – Idle mode
   – Power-down mode
• CMOS and TTL compatible
• Two speed ranges at VCC = 5 V
   – 0 to 30 MHz with 6-clock operation
   – 0 to 33 MHz with 12-clock operation
• Parallel programming with 87C51 compatible hardware interface
   to programmer
• RAM expandable externally to 64 kbytes
• Programmable Counter Array (PCA)
   – PWM
   – Capture/compare
• PLCC, LQFP, or DIP package
• Extended temperature ranges
• Dual Data Pointers
• Security bits (3 bits)
• Encryption array - 64 bytes
• Seven interrupt sources
• 4 interrupt priority levels
• Four 8-bit I/O ports
• Full-duplex enhanced UART
   – Framing error detection
   – Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
   additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs,
   and 6-clock mode)
• Wake-up from Power Down by an external interrupt




Similar Part No. - P87C51RC2BA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P87C51RC24 INTEL-P87C51RC24 Datasheet
424Kb / 20P
8XC51RA/RB/RC CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - P87C51RC2BA

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
CENTRAL PROCESSING UNIT
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
CENTRAL PROCESSING UNIT
Z84C0008PEG ZILOG-Z84C0008PEG Datasheet
1Mb / 36P
CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
CENTRAL PROCESSING UNIT
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
CENTRAL PROCESSING UNIT
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
Central Processing Unit
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
Central Processing Unit
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
80C51 Central Processing Unit (CPU)
1997 Aug 01
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com