Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC519 Datasheet (PDF) - Analog Devices

HMC519 Datasheet PDF - Analog Devices
Part # HMC519
Download  HMC519 Download
File Size   356.31 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Point-to-Point Radios

HMC519 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC519 Datasheet PDF - Analog Devices

Part # HMC519
Download  HMC519 Click to download

File Size   356.31 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Point-to-Point Radios

HMC519 Datasheet (HTML) - Analog Devices


HMC519 Product details

General Description
The HMC519 chip is a high dynamic range GaAs PHEMT MMIC Low Noise Amplifi er (LNA) which covers the 18 to 32 GHz frequency range. The HMC519 provides 15 dB of small signal gain, 2.8 dB of noise fi gure and has an output IP3 greater than 23 dBm. The chip can easily be integrated into hybrid or MCM assemblies due to its small size. All data is tested with the chip in a 50 Ohm test fi xture connected via 0.075 mm (3 mil) ribbon bonds of minimal length 0.31 mm (12 mil). Two 0.025 mm (1 mil) diameter bondwires may also be used to make the RFIN and RFOUT connections.

Features
   Noise Figure: 2.8 dB
   Gain: 15 dB
   OIP3: 23 dBm
   Single Supply: +3V @ 65 mA
   50 Ohm Matched Input/Output
   Die Size: 2.27 x 1.32 x 0.1 mm

Typical Applications
The HMC519 is ideal for use as either a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military & Space




Similar Part No. - HMC519

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519 HITTITE-HMC519 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
Micross Components
HMC519 MICROSS-HMC519 Datasheet
908Kb / 9P
Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
Analog Devices
HMC519LC4 AD-HMC519LC4 Datasheet
351Kb / 6P
Point-to-Point Radios
More results


Similar Description - HMC519

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
Point-to-Point Radios
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
Point-to-Point Radios
HMC516 MICROSS-HMC516 Datasheet
902Kb / 9P
Point-to-Point Radios
logo
Analog Devices
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
Point-to-Point Radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
Point to point radios
Rev. 0
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com