Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385 Datasheet (PDF) - List of Unclassifed Manufacturers

LM385 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM385
Download  LM385 Download
File Size   154.21 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE

LM385 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM385 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM385
Download  LM385 Click to download

File Size   154.21 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE

LM385 Datasheet (HTML) - List of Unclassifed Manufacturers


LM385 Product details

DESCRIPTION
The LM385/385B Micropower Voltage References are two terminal bandgap reference diodes designed and optimized for accurate low power operation in portable and other power sensitive systems. Operating currents are guaranteed from as low as 15µA up to 20mA for the LM385/385B-1.2, and 20µA up to 20mA for the LM385/385B-2.5, giving designers a great deal of flexibility in optimizing power consumption, noise and ultimate application performance.

KEY FEATURES
■ GUARANTEED 1% INITIAL ACCURACY
   (LM385B-1.2)
■ GUARANTEED 2.5% INITIAL ACCURACY
   (LM385-1.2)
■ GUARANTEED 1.5% INITIAL ACCURACY
   (LM385B-2.5)
■ GUARANTEED 3% INITIAL ACCURACY
   (LM385-2.5)
□ GUARANTEED 20µA OPERATING CURRENT
□ LOW TEMPERATURE COEFFICIENT
□ OPERATING CURRENT OF 20µA TO 20mA
□ VERY LOW DYNAMIC IMPEDANCE . . . 1Ω

APPLICATIONS
■ PORTABLE METER REFERENCES
□ PORTABLE TEST INSTRUMENTS
□ BATTERY OPERATED SYSTEMS
□ CURRENT LOOP INSTRUMENTATION




Similar Part No. - LM385

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM385 NSC-LM385 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
logo
Texas Instruments
LM385 TI2-LM385 Datasheet
963Kb / 27P
LM185/LM285/LM385 Adjustable Micropower Voltage References
REVISED APRIL 2013
LM385-1.2 TI-LM385-1.2 Datasheet
307Kb / 15P
MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM385-1.2 NSC-LM385-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
More results


Similar Description - LM385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com