Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-ALH102 Datasheet (PDF) - Analog Devices

HMC-ALH102 Datasheet PDF - Analog Devices
Part # HMC-ALH102
Download  HMC-ALH102 Download
File Size   270.42 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Communications Receivers

HMC-ALH102 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH102 Datasheet PDF - Analog Devices

Part # HMC-ALH102
Download  HMC-ALH102 Click to download

File Size   270.42 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Communications Receivers

HMC-ALH102 Datasheet (HTML) - Analog Devices


HMC-ALH102 Product details

General Description
The HMC-ALH102 is a GaAs MMIC HEMT Low Noise Distributed Amplifi er die which operates between 2 and 20 GHz. The amplifi er provides 11.6 dB of gain at 10 GHz, 2.5 dB noise fi gure and +10 dBm of output power at 1 dB gain compression while requiring only 55 mA from a +2V supply voltage. The HMCALH102 amplifi er is ideal for integration into MultiChip-Modules (MCMs) due to its small size.

Features
   Noise Figure: 2.5 dB
   Gain: 11.6 dB @ 10 GHz
   P1dB Output Power: +10 dBm
   Supply Voltage: +2V @ 55 mA
   Die Size: 3.0 x 1.435 x 0.1 mm

Typical Applications
This HMC-ALH102 is ideal for:
• Wideband Communications Receivers
• Surveillance Systems
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
• Test Instrumentation




Similar Part No. - HMC-ALH102

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
187Kb / 6P
GaAs HEMT MMIC WIDEBAND
HMC-ALH102 HITTITE-HMC-ALH102_09 Datasheet
187Kb / 6P
GaAs HEMT MMIC WIDEBAND
More results


Similar Description - HMC-ALH102

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
PanelLink Receivers
logo
Hittite Microwave Corpo...
HMC1190LP6GE HITTITE-HMC1190LP6GE Datasheet
2Mb / 44P
Wideband Radio Receivers
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Roithner LaserTechnik G...
ELD-870F-515-2 ROITHNER-ELD-870F-515-2 Datasheet
99Kb / 1P
optical communications
ELD-1020-525 ROITHNER-ELD-1020-525 Datasheet
140Kb / 1P
optical communications
logo
Unisonic Technologies
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
DRIVERS/RECEIVERS
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com